Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 162 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 158Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 159Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 160Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 161Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 162Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 163Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 164Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 165Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-50. Resizer Register Descriptions (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C7 0C68
VFILT10
Vertical Filter Coefficients 1 and 0
0x01C7 0C6C
VFILT32
Vertical Filter Coefficients 3 and 2
0x01C7 0C70
VFILT54
Vertical Filter Coefficients 5 and 4
0x01C7 0C74
VFILT76
Vertical Filter Coefficients 7 and 6
0x01C7 0C78
VFILT98
Vertical Filter Coefficients 9 and 8
0x01C7 0C7C
VFILT1110
Vertical Filter Coefficients 11 and 10
0x01C7 0C80
VFILT1312
Vertical Filter Coefficients 13 and 12
0x01C7 0C84
VFILT1514
Vertical Filter Coefficients 15 and 14
0x01C7 0C88
VFILT1716
Vertical Filter Coefficients 17 and 16
0x01C7 0C8C
VFILT1918
Vertical Filter Coefficients 19 and 18
0x01C7 0C90
VFILT2120
Vertical Filter Coefficients 21 and 20
0x01C7 0C94
VFILT2322
Vertical Filter Coefficients 23 and 22
0x01C7 0C98
VFILT2524
Vertical Filter Coefficients 25 and 24
0x01C7 0C9C
VFILT2726
Vertical Filter Coefficients 27 and 26
0x01C7 0CA0
VFILT2928
Vertical Filter Coefficients 29 and 28
0x01C7 0CA4
VFILT3130
Vertical Filter Coefficients 31 and 30
0x01C7 0CA8
YENH
Luminance Enhancer
6.13.1.4 Hardware 3A (H3A)
The Hardware 3A (H3A) module provides control loops for Auto Focus, Auto White Balance and Auto
Exposure. There are 2 main components of the H3A module:
•
Auto Focus (AF) Engine
•
Auto Exposure (AE) & Auto White Balance (AWB) Engine
The AF engine extracts and filters the red, green, and blue data from the input image/video data and
provides either the accumulation or peaks of the data in a specified region. The specified region is a two
dimensional block of data and is referred to as a “paxel” for the case of AF.
The AE/AWB Engine accumulates the values and checks for saturated values in a sub sampling of the
video data. In the case of the AE/AWB, the two-dimensional block of data is referred to as a “window”.
The number, dimensions, and starting position of the AF paxels and the AE/AWB windows are separately
programmable.
The H3A register memory mapping is shown in Table 6-51.
162
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com