Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 180 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 176Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 177Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 178Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 179Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 180Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 181Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 182Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 183Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.14.1
Host-Port Interface (HPI) Electrical Data/Timing
Table 6-68. Timing Requirements for Host-Port Interface Cycles(1) (2) (see Figure 6-56 through
Figure 6-57)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
tsu(SELV-HSTBL)
Setup time, select signals(3) valid before HSTROBE low
5
ns
2
th(HSTBL-SELV)
Hold time, select signals(3) valid after HSTROBE low
2
ns
3
tw(HSTBL)
Pulse duration, HSTROBE low
15
ns
4
tw(HSTBH)
Pulse duration, HSTROBE high between consecutive accesses
2P
ns
12
tsu(HDV-HSTBH)
Setup time, host data valid before HSTROBE high
5
ns
13
th(HSTBH-HDV)
Hold time, host data valid after HSTROBE high
0
ns
Hold time, HSTROBE high after HRDY low. HSTROBE should not be
14
th(HRDYL-HSTBH)
inactivated until HRDY is active (low); otherwise, HPI writes will not complete
2
ns
properly.
(1)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
(2)
P = 1/CPU clock frequency in ns. For example, when running parts at 594 MHz, use P = 1.68 ns; when running parts at 810 MHz, use
P = 1.23 ns.
(3)
Select signals include: HCNTL[1:0] and HR/W. For HPI16 mode only, select signals also include HHWIL.
Table 6-69. Switching Characteristics Over Recommended Operating Conditions During Host-Port
Interface Cycles(1) (see Figure 6-56 through Figure 6-57)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
6
td(HSTBL-HRDYH)
Delay time, HSTROBE low to HRDY high(2)
0
12
ns
7
td(HSTBL-HDLZ)
Delay time, HSTROBE low to HD low impedance for an HPI read
0
ns
8
td(HDV-HRDYL)
Delay time, HD valid to HRDY low
0
ns
9
toh(HSTBH-HDV)
Output hold time, HD valid after HSTROBE high
1.5
ns
15
td(HSTBH-HDHZ)
Delay time, HSTROBE high to HD high impedance
7
ns
Delay time, HSTROBE low to HD valid
16
td(HSTBL-HDV)
15
ns
(HPI16 mode, 2nd half-word only)
20
td(HCSL-HRDYH)
Delay time, HCS low to HRDY high
0
12
ns
(1)
HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
(2)
This parameter is used during HPID reads and writes. For reads, at the beginning of the first half-word transfer (HPI16) on the falling
edge of HSTROBE, the HPI sends the request to the EDMA3 internal address generation hardware, and HRDY remains high until the
EDMA3 internal address generation hardware loads the requested data into HPID. For writes, HRDY goes high if the internal write buffer
is full.
180
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com