Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 182 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 182 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 178Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 179Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 180Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 181Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 182Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 183Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 184Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 185Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.15
USB 2.0
The DM6446 USB2.0 peripheral supports the following features:
•
USB 2.0 peripheral at speeds high speed (HS: 480 Mb/s) and full speed (FS: 12 Mb/s)
•
USB 2.0 host at speeds HS, FS, and low speed (LS: 1.5 Mb/s)
•
All transfer modes (control, bulk, interrupt, and isochronous)
•
4 Transmit (TX) and 4 Receive (RX) endpoints in addition to endpoint 0
•
FIFO RAM
–
4K endpoint
–
Programmable size
•
Connects to a standard UTMI+ PHY with a 60 MHz, 8-bit interface
•
Connects to a standard Charge Pump for VBUS 5 V generation
•
RNDIS mode for accelerating RNDIS type protocols using short packet termination over USB
6.15.1 USBPHY_CTL Register Description
The USB physical interface control register USBPHY_CTL is described in Figure 6-58 and Table 6-70.
Figure 6-58. USBPHY_CTL Register
31
9
8
Reserved
PHYCLKGD
R-0000 0000 0000 0000 0000 000
R-0
7
6
5
4
3
2
1
0
SESNDEN
VBDTCTEN
Reserved
PHYPLLON
CLKO1SEL
OSCPDWN
Reserved
PHYPDWN
R/W-1
R/W-1
R-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
LEGEND: R = Read, W = Write, n = value at reset
Table 6-70. USBPHY_CTL Register Descriptions
Name
Description
PHYCLKGD
USB PHY Power and Clock Good
0 = Phy power not ramped or PLL not locked
1 = Phy power is good and PLL is locked
SESNDEN
Session End Comparator enable
0 = comparator disabled
1 = comparator enabled
VBDTCTEN
vbus comparator enable
0 = comparators (except session end) disabled
1 = comparators (except session end) enabled
PHYPLLON
USB PHY PLL suspend override
0 = Normal PLL operation
1 = Override PLL suspend state
CLKO1SEL
CLK_OUT1 frequency select
0 = 24 MHz
1 = 12 MHz
OSCPDWN
USB PHY oscillator power down control
0 = PHY oscillator powered
1 = PHY oscillator power off
PHYPDWN
USB PHY power down control
0 = PHY powered
1 = PHY power off
182
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com