Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 185 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 181Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 182Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 183Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 184Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 185Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 186Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 187Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 188Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-71. USB 2.0 Register Descriptions (continued)
Address
Acronym
Register Description
0x01C6 41E0
RCPPIDMASTATEW0
RX CPPI DMA State Word 0
0x01C6 41E4
RCPPIDMASTATEW1
RX CPPI DMA State Word 1
0x01C6 41E8
RCPPIDMASTATEW2
RX CPPI DMA State Word 2
0x01C6 41EC
RCPPIDMASTATEW3
RX CPPI DMA State Word 3
0x01C6 41F0
RCPPIDMASTATEW4
RX CPPI DMA State Word 4
0x01C6 41F4
RCPPIDMASTATEW5
RX CPPI DMA State Word 5
0x01C6 41F8
RCPPIDMASTATEW6
RX CPPI DMA State Word 6
0x01C6 41FC
RCPPICOMPPTR
RX CPPI Completion Pointer
Core Registers
0x01C6 4400
FADDR
Function Address Register
0x01C6 4401
POWER
Power Management Register
0x01C6 4402
INTRTX
Interrupt Register for Endpoint 0 plus TX Endpoints 1 to 4
0x01C6 4404
INTRRX
Interrupt Register for RX Endpoints 1 to 4
0x01C6 4406
INTRTXE
Interrupt Enable Register for INTRTX
0x01C6 4408
INTRRXE
Interrupt Enable Register for INTRRX
0x01C6 440A
INTRUSB
Interrupt Register for Common USB Interrupts
0x01C6 440B
INTRUSBE
Interrupt Enable Register for INTRUSB
0x01C6 440C
FRAME
Frame Number Register
0x01C6 440E
INDEX
Index register for selecting the endpoint status and control registers
0x01C6 440F
TESTMODE
Register to enable the USB 2.0 test modes
0x01C6 4410
TXMAXP
Maximum packet size for peripheral/host TX endpoint (Index register set to select
Endpoints 1 - 4 only)
PERI_CSR0
Control Status register for Endpoint 0 in Peripheral mode. (Index register set to
select Endpoint 0)
HOST_CSR0
Control Status register for Endpoint 0 in Host mode. (Index register set to select
Endpoint 0)
0x01C6 4412
PERI_TXCSR
Control Status register for peripheral TX endpoint. (Index register set to select
Endpoints 1 - 4)
HOST_TXCSR
Control Status register for host TX endpoint. (Index register set to select
Endpoints 1 - 4)
0x01C6 4414
RXMAXP
Maximum packet size for peripheral/host RX endpoint (Index register set to select
Endpoints 1 - 4 only)
PERI_RXCSR
Control Status register for peripheral RX endpoint. (Index register set to select
Endpoints 1 - 4)
0x01C6 4416
HOST_RXCSR
Control Status register for host RX endpoint. (Index register set to select
Endpoints 1 - 4)
COUNT0
Number of received bytes in Endpoint 0 FIFO. (Index register set to select
Endpoint 0)
0x01C6 4418
RXCOUNT
Number of bytes in host RX endpoint FIFO. (Index register set to select
Endpoints 1 - 4)
0x01C6 441A
HOST_TYPE0
Defines the speed of Endpoint 0
0x01C6 441A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host TX endpoint. (Index register set to select Endpoints 1 - 4 only)
0x01C6 441B
HOST_NAKLIMIT0
Sets the NAK response timeout on Endpoint 0. (Index register set to select
Endpoint 0)
0x01C6 441B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host TX endpoint. (Index register set to select
Endpoints 1 - 4 only)
0x01C6 441C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number
for the host RX endpoint. (Index register set to select Endpoints 1 - 4 only)
0x01C6 441D
HOST_RXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response
timeout on Bulk transactions for host RX endpoint. (Index register set to select
Endpoints 1 - 4 only)
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
185
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com