Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 187 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 187 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 183Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 184Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 185Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 186Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 187Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 188Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 189Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 190Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-71. USB 2.0 Register Descriptions (continued)
Address
Acronym
Register Description
0x01C6 4496
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 4497
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
Target Endpoint Control Registers (Valid Only in Host Mode) - EPTRG3
0x01C6 4498
TXFUNCADDR
Address of the target function that has to be accessed through the associated TX
Endpoint
0x01C6 449A
TXHUBADDR
Address of the hub that has to be accessed through the associated TX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 449B
TXHUBPORT
Port of the hub that has to be accessed through the associated TX Endpoint. This
is used only when full speed or low speed device is connected via a USB2.0 high
speed hub
0x01C6 449C
RXFUNCADDR
Address of the target function that has to be accessed through the associated RX
Endpoint
0x01C6 449E
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 449F
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
Target Endpoint Control Registers (Valid Only in Host Mode) - EPTRG4
0x01C6 44A0
TXFUNCADDR
Address of the target function that has to be accessed through the associated TX
Endpoint
0x01C6 44A2
TXHUBADDR
Address of the hub that has to be accessed through the associated TX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 44A3
TXHUBPORT
Port of the hub that has to be accessed through the associated TX Endpoint. This
is used only when full speed or low speed device is connected via a USB2.0 high
speed hub
0x01C6 44A4
RXFUNCADDR
Address of the target function that has to be accessed through the associated RX
Endpoint
0x01C6 44A6
RXHUBADDR
Address of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
0x01C6 44A7
RXHUBPORT
Port of the hub that has to be accessed through the associated RX Endpoint.
This is used only when full speed or low speed device is connected via a USB2.0
high speed hub
Control and Status Register for Endpoint 0 - EOCSR0
0x01C6 4502
PERI_CSR0
Control Status Register for Endpoint 0 in Peripheral mode
HOST_CSR0
Control Status Register for Endpoint 0 in Host mode
0x01C6 4508
COUNT0
Number of Received Bytes in Endpoint 0 FIFO
0x01C6 450A
HOST_TYPE0
Defines the Speed of Endpoint 0
0x01C6 450B
HOST_NAKLIMIT0
Sets the NAK response timeout on Endpoint 0.
0x01C6 450F
CONFIGDATA
Returns details of core configuration
Control and Status Register for Endpoint 1 - EOCSR1
0x01C6 4510
TXMAXP
Maximum Packet size for Peripheral/Host TX Endpoint
0x01C6 4512
PERI_TXCSR
Control Status Register for Peripheral TX Endpoint
HOST_TXCSR
Control Status Register for Host TX Endpoint
0x01C6 4514
RXMAXP
Maximum Packet Size for Peripheral/Host RX Endpoint
0x01C6 4516
PERI_RXCSR
Control Status Register for Peripheral RX Endpoint
HOST_RXCSR
Control Status Register for Host RX Endpoint
0x01C6 4518
RXCOUNT
Number of Bytes in Host RX Endpoint FIFO
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
187
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com