Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 111Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 112Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 113Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 114Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 115Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 116Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 117Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 118Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
6.7.3
ARM/DSP Communications Interrupts
The INTGEN register is used for generating interrupts between the ARM and DSP. The INTGEN register
format is shown in Figure 6-18. Table 6-24 describes the register bit fields. The ARM may generate an
interrupt to the DSP by setting one of the four INTDSP[3:0] bits or the INTNMI bit. The interrupt bit
automatically self clears and the corresponding DSP[3:0]STAT or NMISTAT bit is automatically set to
indicate that the interrupt was generated. After servicing the interrupt, the DSP clears the status bit by
writing ‘0’. The ARM may poll the status bit to determine when the DSP has completed servicing the
interrupt. The DSP may generate an interrupt to the ARM in the same manner using the INTARM[1:0] bits
and monitor ARM interrupt servicing via the ARM[1:0]STAT bits.
Figure 6-18. INTGEN Register
31
30
29
28
27
24
23
22
21
20
19
17
16
ARM1
ARM0
DSP3
DSP2
DSP1
DSP0
NMI
Reserved
Reserved
Reserved
STAT
STAT
STAT
STAT
STAT
STAT
STAT
R-00
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
R/W-0
R/W-0
R-000
R/W-0
15
14
13
12
11
8
7
6
5
4
3
1
0
INT
INT
INT
INT
INT
INT
INT
Reserved
Reserved
Reserved
ARM1
ARM0
DSP3
DSP2
DSP1
DSP0
NMI
R-00
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
R/W-0
R/W-0
R-000
R/W-0
LEGEND: R = Read, W = Write, n = value at reset
Table 6-24. INTGEN Register Bit Fields Descriptions
Name
Description
ARM1STAT
DSP to ARM Int1 Status/Clear(1)
ARM0STAT
DSP to ARM Int0 Status/Clear(1)
DSP3STAT
ARM to DSP Int3 Status/Clear(1)
DSP2STAT
ARM to DSP Int2 Status/Clear(1)
DSP1STAT
ARM to DSP Int1 Status/Clear(1)
DSP0STAT
ARM to DSP Int0 Status/Clear(1)
NMISTAT
DSP NMI Status/Clear(1)
INTARM1
DSP to ARM Int1 Set(2)
INTARM0
DSP to ARM Int0 Set(2)
INTDSP3
ARM to DSP Int3 Set(2)
INTDSP2
ARM to DSP Int2 Set(2)
INTDSP1
ARM to DSP Int1 Set(2)
INTDSP0
ARM to DSP Int0 Set(2)
INTNMI
DSP NMI Set(2)
(1)
Write '0' to clear. Writing '1' has no effect.
(2)
Write '1' to generate the interrupt. The register bit automatically clears to a value of '0'. Writing a '0' has no effect.
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
115
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com