Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 118 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 114Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 115Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 116Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 117Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 118Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 119Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 120Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 121Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 227 page
background image
GPIx
GPOx
4
3
2
1
EXT_INTx
2
1
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.8.2
GPIO Peripheral Input/Output Electrical Data/Timing
Table 6-26. Timing Requirements for GPIO Inputs(1) (see Figure 6-19)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
tw(GPIH)
Pulse duration, GPIx high
52
ns
2
tw(GPIL)
Pulse duration, GPIx low
52
ns
(1)
The pulse width given is sufficient to generate a CPU interrupt or an EDMA3 event. However, if a user wants to have DM6446 recognize
the GPIx changes through software polling of the GPIO register, the GPIx duration must be extended to allow DM6446 enough time to
access the GPIO register through the internal bus.
Table 6-27. Switching Characteristics Over Recommended Operating Conditions for GPIO Outputs
(see Figure 6-19)
A-513,
-594,
NO.
PARAMETER
UNIT
-810
MIN
MAX
3
tw(GPOH)
Pulse duration, GPOx high
26(1)
ns
4
tw(GPOL)
Pulse duration, GPOx low
26(1)
ns
(1)
This parameter value should not be used as a maximum performance specification. Actual performance of back-to-back accesses of the
GPIO is dependent upon internal bus activity.
Figure 6-19. GPIO Port Timing
6.8.3
GPIO Peripheral External Interrupts Electrical Data/Timing
Table 6-28. Timing Requirements for External Interrupts(1) (see Figure 6-20)
A-513,
-594,
NO.
UNIT
-810
MIN
MAX
1
tw(ILOW)
Width of the external interrupt pulse low
52
ns
2
tw(IHIGH)
Width of the external interrupt pulse high
52
ns
(1)
The pulse width given is sufficient to generate an interrupt or an EDMA3 event. However, if a user wants to have DM6446recognize the
GPIO changes through software polling of the GPIO register, the GPIO duration must be extended to allow DM6446 enough time to
access the GPIO register through the internal bus.
Figure 6-20. GPIO External Interrupt Timing
118
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com