Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 122 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 118Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 119Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 120Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 121Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 122Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 123Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 124Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 125Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-30. DM6446 EDMA3 Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01c0 0380
QRAE0
QDMA Region Access Enable Register for Region 0
0x01c0 0384
QRAE1
QDMA Region Access Enable Register for Region 1
0x01c0 0388
QRAE2
QDMA Region Access Enable Register for Region 2
0x01c0 038C
QRAE3
QDMA Region Access Enable Register for Region 3
0x01c0 0390 - 0x01c0 039C
–
Reserved
0x01c0 0400
Q0E0
Event Q0 Entry 0 Register
0x01c0 0404
Q0E1
Event Q0 Entry 1 Register
0x01c0 0408
Q0E2
Event Q0 Entry 2 Register
0x01c0 040C
Q0E3
Event Q0 Entry 3 Register
0x01c0 0410
Q0E4
Event Q0 Entry 4 Register
0x01c0 0414
Q0E5
Event Q0 Entry 5 Register
0x01c0 0418
Q0E6
Event Q0 Entry 6 Register
0x01c0 041C
Q0E7
Event Q0 Entry 7 Register
0x01c0 0420
Q0E8
Event Q0 Entry 8 Register
0x01c0 0424
Q0E9
Event Q0 Entry 9 Register
0x01c0 0428
Q0E10
Event Q0 Entry 10 Register
0x01c0 042C
Q0E11
Event Q0 Entry 11 Register
0x01c0 0430
Q0E12
Event Q0 Entry 12 Register
0x01c0 0434
Q0E13
Event Q0 Entry 13 Register
0x01c0 0438
Q0E14
Event Q0 Entry 14 Register
0x01c0 043C
Q0E15
Event Q0 Entry 15 Register
0x01c0 0440
Q1E0
Event Q1 Entry 0 Register
0x01c0 0444
Q1E1
Event Q1 Entry 1 Register
0x01c0 0448
Q1E2
Event Q1 Entry 2 Register
0x01c0 044C
Q1E3
Event Q1 Entry 3 Register
0x01c0 0450
Q1E4
Event Q1 Entry 4 Register
0x01c0 0454
Q1E5
Event Q1 Entry 5 Register
0x01c0 0458
Q1E6
Event Q1 Entry 6 Register
0x01c0 045C
Q1E7
Event Q1 Entry 7 Register
0x01c0 0460
Q1E8
Event Q1 Entry 8 Register
0x01c0 0464
Q1E9
Event Q1 Entry 9 Register
0x01c0 0468
Q1E10
Event Q1 Entry 10 Register
0x01c0 046C
Q1E11
Event Q1 Entry 11 Register
0x01c0 0470
Q1E12
Event Q1 Entry 12 Register
0x01c0 0474
Q1E13
Event Q1 Entry 13 Register
0x01c0 0478
Q1E14
Event Q1 Entry 14 Register
0x01c0 047C
Q1E15
Event Q1 Entry 15 Register
0x01c0 0480 - 0x01c0 05FF
Reserved
0x01c0 0600
QSTAT0
Queue 0 Status Register
0x01c0 0604
QSTAT1
Queue 1 Status Register
0x01c0 0608 - 0x01c0 061F
Reserved
0x01c0 0620
QWMTHRA
Queue Watermark Threshold A Register for Q[3:0]
0x01c0 0624
–
Reserved
0x01c0 0640
CCSTAT
EDMA3CC Status Register
0x01c0 0644 - 0x01c0 0FFF
Reserved
122
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com