Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 125 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 121Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 122Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 123Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 124Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 125Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 126Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 127Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 128Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-30. DM6446 EDMA3 Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01c0 2240
SECR
Secondary Event Clear Register
0x01c0 2244
SECRH
Secondary Event Clear Register High
0x01c0 2248 - 0x01c0 224C
-
Reserved
0x01c0 2250
IER
Interrupt Enable Register
0x01c0 2254
IERH
Interrupt Enable Register High
0x01c0 2258
IECR
Interrupt Enable Clear Register
0x01c0 225C
IECRH
Interrupt Enable Clear Register High
0x01c0 2260
IESR
Interrupt Enable Set Register
0x01c0 2264
IESRH
Interrupt Enable Set Register High
0x01c0 2268
IPR
Interrupt Pending Register
0x01c0 226C
IPRH
Interrupt Pending Register High
0x01c0 2270
ICR
Interrupt Clear Register
0x01c0 2274
ICRH
Interrupt Clear Register High
0x01c0 2278
IEVAL
Interrupt Evaluate Register
0x01c0 227C
-
Reserved
0x01c0 2280
QER
QDMA Event Register
0x01c0 2284
QEER
QDMA Event Enable Register
0x01c0 2288
QEECR
QDMA Event Enable Clear Register
0x01c0 228C
QEESR
QDMA Event Enable Set Register
0x01c0 2290
QSER
QDMA Secondary Event Register
0x01c0 2294
QSECR
QDMA Secondary Event Clear Register
0x01c0 2298 - 0x01c0 23FC
-
Reserved
Shadow Region 2 Channel Registers
0x01c0 2400
ER
Event Register
0x01c0 2404
ERH
Event Register High
0x01c0 2408
ECR
Event Clear Register
0x01c0 240C
ECRH
Event Clear Register High
0x01c0 2410
ESR
Event Set Register
0x01c0 2414
ESRH
Event Set Register High
0x01c0 2418
CER
Chained Event Register
0x01c0 241C
CERH
Chained Event Register High
0x01c0 2420
EER
Event Enable Register
0x01c0 2424
EERH
Event Enable Register High
0x01c0 2428
EECR
Event Enable Clear Register
0x01c0 242C
EECRH
Event Enable Clear Register High
0x01c0 2430
EESR
Event Enable Set Register
0x01c0 2434
EESRH
Event Enable Set Register High
0x01c0 2438
SER
Secondary Event Register
0x01c0 243C
SERH
Secondary Event Register High
0x01c0 2440
SECR
Secondary Event Clear Register
0x01c0 2444
SECRH
Secondary Event Clear Register High
0x01c0 2448 - 0x01c0 244C
-
Reserved
0x01c0 2450
IER
Interrupt Enable Register
0x01c0 2454
IERH
Interrupt Enable Register High
0x01c0 2458
IECR
Interrupt Enable Clear Register
0x01c0 245C
IECRH
Interrupt Enable Clear Register High
0x01c0 2460
IESR
Interrupt Enable Set Register
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
125
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com