Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 129 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 125Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 126Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 127Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 128Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 129Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 130Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 131Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 132Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-30. DM6446 EDMA3 Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x01c1 0658
SACNTRLD
EDMA3 TC1 Source Active Count Reload Register
0x01c1 065C
SASRCBREF
EDMA3 TC1 Source Active Source Address B-Reference Register
0x01c1 0660
SADSTBREF
EDMA3 TC1 Source Active Destination Address B-Reference Register
0x01c1 0664 - 0x01c1 067F
-
Reserved
0x01c1 0680
DFCNTRLD
EDMA3 TC1 Destination FIFO Set Count Reload Register
0x01c1 0684
DFSRCBREF
EDMA3 TC1 Destination FIFO Set Source Address B-Reference Register
EDMA3 TC1 Destination FIFO Set Destination Address B-Reference
0x01c1 0688
DFDSTBREF
Register
0x01c1 068C - 0x01c1 06FF
-
Reserved
0x01c1 0700
DFOPT0
EDMA3 TC1 Destination FIFO Options Register 0
0x01c1 0704
DFSRC0
EDMA3 TC1 Destination FIFO Source Address Register 0
0x01c1 0708
DFCNT0
EDMA3 TC1 Destination FIFO Count Register 0
0x01c1 070C
DFDST0
EDMA3 TC1 Destination FIFO Destination Address Register 0
0x01c1 0710
DFBIDX0
EDMA3 TC1 Destination FIFO BIDX Register 0
0x01c1 0714
DFMPPRXY0
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 0
0x01c1 0718 - 0x01c1 073F
-
Reserved
0x01c1 0740
DFOPT1
EDMA3 TC1 Destination FIFO Options Register 1
0x01c1 0744
DFSRC1
EDMA3 TC1 Destination FIFO Source Address Register 1
0x01c1 0748
DFCNT1
EDMA3 TC1 Destination FIFO Count Register 1
0x01c1 074C
DFDST1
EDMA3 TC1 Destination FIFO Destination Address Register 1
0x01c1 0750
DFBIDX1
EDMA3 TC1 Destination FIFO BIDX Register 1
0x01c1 0754
DFMPPRXY1
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 1
0x01c1 0758 - 0x01c1 077F
-
Reserved
0x01c1 0780
DFOPT2
EDMA3 TC1 Destination FIFO Options Register 2
0x01c1 0784
DFSRC2
EDMA3 TC1 Destination FIFO Source Address Register 2
0x01c1 0788
DFCNT2
EDMA3 TC1 Destination FIFO Count Register 2
0x01c1 078C
DFDST2
EDMA3 TC1 Destination FIFO Destination Address Register 2
0x01c1 0790
DFBIDX2
EDMA3 TC1 Destination FIFO BIDX Register 2
0x01c1 0794
DFMPPRXY2
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 2
0x01c1 0798 - 0x01c1 07BF
-
Reserved
0x01c1 07C0
DFOPT3
EDMA3 TC1 Destination FIFO Options Register 3
0x01c1 07C4
DFSRC3
EDMA3 TC1 Destination FIFO Source Address Register 3
0x01c1 07C8
DFCNT3
EDMA3 TC1 Destination FIFO Count Register 3
0x01c1 07CC
DFDST3
EDMA3 TC1 Destination FIFO Destination Address Register 3
0x01c1 07D0
DFBIDX3
EDMA3 TC1 Destination FIFO BIDX Register 3
0x01c1 07D4
DFMPPRXY3
EDMA3 TC1 Destination FIFO Memory Protection Proxy Register 3
0x01c1 07D8 - 0x01c1 07FF
-
Reserved
Table 6-31 shows an abbreviation of the set of registers which make up the parameter set for each of
128 EDMA3 events. Each of the parameter register sets consist of 8 32-bit word entries. Table 6-32
shows the parameter set entry registers with relative memory address locations within each of the
parameter sets.
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
129
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com