Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 137 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 133Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 134Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 135Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 136Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 137Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 138Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 139Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 140Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 227 page
background image
EM_CS[5:2]
25
Asserted
Deasserted
2
2
EM_BA[1:0]
EM_A[21:0]
EM_D[15:0]
EM_WE
EM_WAIT
SETUP
STROBE
Extended Due to EM_WAIT
STROBE
HOLD
28
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Figure 6-24. EM_WAIT Write Timing Requirements
6.10.2 DDR2 Memory Controller
The DDR2 Memory Controller is a dedicated interface to DDR2 SDRAM. It supports JESD79D-2A
standard compliant DDR2 SDRAM Devices and can interface to either 16-bit or 32-bit DDR2 SDRAM
devices. For details on the DDR2 Memory Controller, see the TMS320DM644x DMSoC Peripherals
Overview Reference Guide (literature number SPRUE19) and the TMS320DM644x DMSoC DDR2
Memory Controller User's Guide (literature number SPRUE22).
DDR2 SDRAM plays a key role in a DaVinci-based system. Such a system is expected to require a
significant amount of high-speed external memory for:
•
Buffering of input image data from sensors or video sources
•
Intermediate buffering for processing/resizing of image data in the VPFE
•
Numerous OSD display buffers
•
Intermediate buffering for large raw Bayer data image files while performing image processing
functions
•
Buffering for intermediate data while performing video encode and decode functions
•
Storage of executable code for both the ARM and DSP
A memory map of the DDR2 Memory Controller registers is shown in Table 6-36.
Table 6-36. DDR2 Memory Controller Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x01C4 004C
DDRVTPER
DDR2 VTP Enable Register
0x01C4 2030
DDRVTPR
DDR2 VTP Register
0x2000 0000 - 0x2000 0003
-
Reserved
0x2000 0004
SDRSTAT
SDRAM Status Register
0x2000 0008
SDBCR
SDRAM Bank Configuration Register
0x2000 000C
SDRCR
SDRAM Refresh Control Register
0x2000 0010
SDTIMR
SDRAM Timing Register
0x2000 0014
SDTIMR2
SDRAM Timing Register 2
0x2000 0020
PBBPR
Peripheral Bus Burst Priority Register
0x2000 0024 - 0x2000 00BF
-
Reserved
0x2000 00C0
IRR
Interrupt Raw Register
0x2000 00C4
IMR
Interrupt Masked Register
0x2000 00C8
IMSR
Interrupt Mask Set Register
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
137
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com