Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 138 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 134Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 135Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 136Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 137Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 138Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 139Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 140Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 141Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 227 page
background image
DDR_CLK0
1
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 6-36. DDR2 Memory Controller Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x2000 00CC
IMCR
Interrupt Mask Clear Register
0x2000 00D0 - 0x2000 00E3
-
Reserved
0x2000 00E4
DDRPHYCR
DDR PHY Control Register
0x2000 00E8 - 0x2000 00EF
-
Reserved
0x2000 00F0
VTPIOCR
VTP IO Control Register
0x2000 00F4 - 0x2000 7FFF
-
Reserved
6.10.2.1 DDR2 Memory Controller Electrical Data/Timing
The Implementing DDR2 PCB Layout on the TMS320DM644x DSP application report (literature number
SPRAAC5) specifies a complete DDR2 interface solution for the DM6446 as well as a list of compatible
DDR2 devices. TI has performed the simulation and system characterization to ensure all DDR2 interface
timings in this solution are met.
TI only supports board designs that follow the guidelines outlined in the Implementing DDR2 PCB Layout
on the TMS320DM644x DSP application report (literature number SPRAAC5).
Table 6-37. Switching Characteristics Over Recommended Operating Conditions for DDR2 Memory
Controller(1) (2)(see Figure 6-25)
A-513,
-810
-594
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
tc(DDR_CLK0)
Cycle time, DDR_CLK0
5.29
8
6
8
ns
2
f(DDR_CLK0)
Frequency, DDR_CLK0
125
189
125
167
MHz
(1)
DDR_CLK0 cycle time = 2 x PLL2 - SYSCLK2 cycle time.
(2)
The PLL2 Controller must be programmed such that the resulting DDR_CLK0 clock frequency is within the specified range.
Figure 6-25. DDR2 Memory Controller Clock Timing
138
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com