Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 142 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 138Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 139Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 140Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 141Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 142Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 143Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 144Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 145Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
6.11.2.2 ATA/CF Multiword DMA Timing
Table 6-40. Timings for ATA/CF Module — Multiword DMA AC Timing(1) (2) (see Figure 6-27)
A-513,
-594,
NO.
MODE
UNIT
-810
MIN
MAX
1
t0
Cycle time
0-2
(DMASTB + DMARCVR + 2)P - 0.5
ns
2
tD
DIOW/DIOR active low pulse duration
0-2
(DMASTB + 1)P - 1
ns
0
150
ns
DIOR data access, DIOR falling edge to DD[15:0]
3
tE
1
60
ns
valid
2
50
ns
DIOR data hold time, DD[15:0] valid after DIOR
4
tF
0-2
5
ns
rising edge
DIOW/DIOR data setup time, DD[15:0] (OUT) valid
0-2
(DMASTB)P
ns
before DIOW/DIOR rising edge
0
100
ns
5
tG
DIOW/DIOR data setup time, DD[15:0] (IN) valid
1
30
ns
before DIOW/DIOR rising edge
2
20
ns
DIOW data hold time, DD[15:0] valid after DIOW
6
tH
0-2
(HWNHLD + 1)P + 1
ns
rising edge
7
tI
DMACK to DIOW/DIOR setup
0-2
(DMARCVR + 1)P - 1.7
ns
8
tJ
DIOW/DIOR to DMACK hold
0-2
5P - 5.9
ns
9
tKR
DIOR negated pulse width
0-2
(DMARCVR + 1)P - 1
ns
10
tKW
DIOW negated pulse width
0-2
(DMARCVR + 1)P - 1
ns
0
120
ns
11
tLR
DIOR to DMARQ delay
1
45
ns
2
35
ns
0-1
40
ns
12
tLW
DIOW to DMARQ delay
2
35
ns
13
tM
ATA_CSx valid to DIOW/DIOR setup
0-2
(DATRCVR)P - 1.7
ns
14
tN
ATA_CSx valid after DIOW/DIOR rising edge hold
0-2
5P - 1.7
ns
0
20
ns
15
tZ
DMACK to read data (DD[15:0]) released
1-2
25
ns
(1)
P = SYSCLK5 period, in ns, for ATA. For example, when running the DSP CPU at 594 MHz, use P = 10.1 ns. For example, when
running the DSP CPU at 810 MHz, use P = 7.4 ns.
(2)
DMASTB equals the value programmed in the DMASTBxP bit field in the DMASTB register. DMARCVR equals the value programmed
in the DMARCVRxP bit field in the DMARCVR register. HWNHLD equals the value programmed in the HWNHLDxP bit field in the
MISCCTL register. For more detailed information, see the TMS320DM644x DMSoC ATA Controller User's Guide (literature number
SPRUE21).
142
Peripheral and Electrical Specifications
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com