Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV6446AINZWT8 Datasheet(PDF) 145 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV6446AINZWT8
Description  Digital Media System-on-Chip
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV6446AINZWT8 Datasheet(HTML) 145 Page - Texas Instruments

Back Button TNETV6446AINZWT8 Datasheet HTML 141Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 142Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 143Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 144Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 145Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 146Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 147Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 148Page - Texas Instruments TNETV6446AINZWT8 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 227 page
background image
TMS320DM6446
www.ti.com
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
Table 6-41. Timings for ATA/CF Module — Ultra DMA AC Timing
(see Figure 6-28 through Figure 6-37) (continued)
A-513,
-594,
NO.
MODE
UNIT
-810
MIN
MAX
0
230
ns
1
200
ns
14
tFS
First STROBE time
2
170
ns
3
130
ns
4
120
ns
15
tLI
Limited interlock time
0-4
0
150
ns
16
tMLI
Interlock time with minimum
0-4
20
ns
17
tUI
Unlimited interlock time
0-4
0
ns
Maximum time allowed for output drivers to
18
tAZ
0-4
10
ns
release
19
tZAH
Minimum delay time required for output
0-4
20
ns
Minimum delay time for driver to assert or negate
20
tZAD
0-4
0
ns
(from released)
Envelope time, DMACK to STOP and DMACK to
21
tENV
HDMARDY during in-burst initiation and from
0-4
(TENV + 1)P - 0.5
(TENV + 1)P + 1.4
ns
DMACK to STOP during data out burst initiation
0
75
ns
22
tRFS
Ready-to-final-STROBE time
1
70
ns
2-4
60
ns
Ready to pause time, (HDMARDY (DIOR) to
0-4
(UDMATRP + 1)P - 0.8
ns
STOP (DIOW))
0
160
ns
23
tRP
Ready to pause time, (DDMARDY (IORDY) to
1
125
ns
DMARQ)
2-4
100
ns
24
tIORDYZ
Maximum time before releasing IORDY
0-4
20
ns
25
tZIORDY
Minimum time before driving IORDY
0-4
0
ns
Setup and hold time for DMACK (before
26
tACK
0-4
20
ns
assertion or negation)
STROBE edge to negation of DMARQ or
27
tSS
assertion of STOP (when sender terminates a
0-4
50
ns
burst)
Copyright © 2005–2010, Texas Instruments Incorporated
Peripheral and Electrical Specifications
145
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com