Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 49Page - STMicroelectronics L6751 Datasheet HTML 50Page - STMicroelectronics L6751 Datasheet HTML 51Page - STMicroelectronics L6751 Datasheet HTML 52Page - STMicroelectronics L6751 Datasheet HTML 53Page - STMicroelectronics L6751 Datasheet HTML 54Page - STMicroelectronics L6751 Datasheet HTML 55Page - STMicroelectronics L6751 Datasheet HTML 56Page - STMicroelectronics L6751 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
L6751
PMBus support (preliminary)
Doc ID 023992 Rev 1
53/59
Note:
1
Applies to multi-phase only.
2
Applies to single-phase only.
12.1
Enabling the device through PMBus
The default condition for the L6751 is to power up through the EN pin ignoring PMBus
commands. By properly setting the ON_OFF_CONFIG command, it is also possible to let
the device ignore the EN pin acting only as a consequence of the OPERATION command
issued.
12.2
Controlling Vout through PMBus
Vout can be set independently from SetVID commands issued through the SVI interface by
using PMBus. Two main modes can be identified as:
–
Offset above SVI commanded voltage. By enabling the MARGIN mode through
the OPERATION command and by commanding the MARGIN_HIGH and
MARGIN_LOW registers, it is possible to dynamically control an offset above the
output voltage commanded through the SVI bus.
–
Fixed Vout regardless of SVI. It is necessary to enter DEBUG_MODE. In this
condition, commands from SVI are acknowledged but not executed and
VOUT_COMMAND controls the voltage regulated on the output. The L6751 can
enter and exit DEBUG_MODE anytime. Upon any transition, Vout remains un-
changed and only the next-coming command affects the output voltage positioning
(i.e. when exiting DEBUG_MODE, returning to SVI domain, output voltage
remains unchanged until the next SetVID command).
STATUS_INPUT
N1
7C
R Byte
Status information on the input warning and fault
STATUS_MFR_SPECI
FIC
Y
80
R Byte
Manufacturer specific status
Table 16.
Supported commands
Command
Per
Rail
Code
[Hex]
Mode
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com