Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 51Page - STMicroelectronics L6751 Datasheet HTML 52Page - STMicroelectronics L6751 Datasheet HTML 53Page - STMicroelectronics L6751 Datasheet HTML 54Page - STMicroelectronics L6751 Datasheet HTML 55Page - STMicroelectronics L6751 Datasheet HTML 56Page - STMicroelectronics L6751 Datasheet HTML 57Page - STMicroelectronics L6751 Datasheet HTML 58Page - STMicroelectronics L6751 Datasheet HTML 59Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
L6751
PMBus support (preliminary)
Doc ID 023992 Rev 1
55/59
12.5
Output voltage monitoring (READ_VOUT)
The dedicated PMBus command allows the user to monitor output voltage for both sections.
The L6751 returns the value of the programmed VID in VID LSBs (i.e. number of LSBs. C8h
= 200 dec x 5 mV = 1.000 V).
12.6
Output current monitoring (READ_IOUT)
The dedicated PMBus command allows the user to monitor output current for both sections.
The L6751 returns the value of the delivered current by reading IMON voltage (same as
VR12 register 15h) in amperes (linear format, N=0).
12.7
Temperature monitoring (READ_TEMPERATURE)
The dedicated PMBus command allows the user to monitor the temperature of the power
section for multi-phase. The L6751 returns the value of the temperature sensed by NTC
connected on the TM/STM pin (the same as VR12 temperature zone) in degrees Celsius
(linear format, N=0).
12.8
Overvoltage threshold setting
The dedicated MFR_SPECIFIC command allows the user to program specific thresholds for
multi-phase and single-phase sections.
The threshold can be programmed according to Table 17. Different thresholds can be
configured for multi-phase and single-phase sections.
This product is subject to a limited license from Power-One®. related to digital power
technology patents owned by Power-One. This license does not extend to standalone power
supply products.
Table 17.
OV threshold setting
Data byte [Hex]
OC threshold [mV] (above programmed VID)
00h
+175 mV (default)
01h
+225 mV
02h
+275 mV
03h
+325 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com