Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 1 Page - STMicroelectronics

  L6751 Datasheet HTML 1Page - STMicroelectronics L6751 Datasheet HTML 2Page - STMicroelectronics L6751 Datasheet HTML 3Page - STMicroelectronics L6751 Datasheet HTML 4Page - STMicroelectronics L6751 Datasheet HTML 5Page - STMicroelectronics L6751 Datasheet HTML 6Page - STMicroelectronics L6751 Datasheet HTML 7Page - STMicroelectronics L6751 Datasheet HTML 8Page - STMicroelectronics L6751 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
This is information on a product in full production.
November 2012
Doc ID 023992 Rev 1
1/59
59
L6751
Digitally controlled dual PWM for Intel VR12 and AMD SVI
Datasheet
− production data
Features
■ VR12 compliant with 25 MHz SVID bus rev. 1.5
– SerialVID with programmable IMAX,
TMAX, VBOOT, ADDRESS
■ AMD SVI compliant
■ Second generation LTB Technology®
■ Flexible driver/DrMOS support
■ JMode support
■ Fully configurable through PMBus™
■ Dual controller:
– up to 6 phases for CORE and memory
– 1 phase for graphics (GFX), system agent
(VSA) or Northbridge (VDDNB)
■ Single NTC design for TM, LL and Imon
thermal compensation (for each section)
■ VFDE and GDC - gate drive control for
efficiency optimization
■ DPM - dynamic phase management
■ Dual remote sense; 0.5% Vout accuracy
■ Full-differential current sense across DCR
■ AVP - adaptive voltage positioning
■ Dual independent adjustable oscillator
■ Dual current monitor
■ Pre-biased output management
■ Average and per-phase OC protection
■ OV, UV and FB disconnection protection
■ Dual VR_RDY
■ WLPGA72 6x6 mm package
Applications
■ High-current VRM / VRD for desktop / server /
workstation Intel® / AMD CPUs
■ DDR3 memory supply
Description
The L6751 is a universal digitally controlled dual
PWM DC-DC designed to power Intel’s VR12 and
AMD SVI processors and memories: all required
parameters are programmable through dedicated
pinstrapping and PMBus interface. The device
features up to 6-phase programmable operation
for multi-phase sections and a single-phase with
independent control loops. When configured for
memory supply, single-phase (VTT) reference is
always tracking multi-phase (VDDQ) scaled by a
factor of 2. The L6751 supports power state
transitions featuring VFDE, programmable DPM
and GDC maintaining the best efficiency over all
loading conditions without compromising transient
response. The device assures fast and
independent protection against load overcurrent,
under/overvoltage and feedback disconnections.
The device is available in WLPGA72 6x6 mm
package.
Table 1.
Device summary
Order code
Package
Packaging
L6751
WPLGA72 6x6 mm
Tray
L6751TR
WPLGA72 6x 6mm
Tape and reel
WPLGA72 6x6 mm
www.st.com


Similar Part No. - L6751

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6751B STMICROELECTRONICS-L6751B Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751BTR STMICROELECTRONICS-L6751BTR Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751C STMICROELECTRONICS-L6751C Datasheet
1Mb / 57P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Jul-2013
L6751CTR STMICROELECTRONICS-L6751CTR Datasheet
1Mb / 57P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Jul-2013
More results

Similar Description - L6751

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6328 INTERSIL-ISL6328 Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
June 7, 2011
ISL6329 INTERSIL-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
logo
STMicroelectronics
L6751B STMICROELECTRONICS-L6751B Datasheet
965Kb / 58P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
07-Dec-2012
L6751C STMICROELECTRONICS-L6751C Datasheet
1Mb / 57P
Digitally controlled dual PWM for Intel VR12 and AMD SVI
29-Jul-2013
logo
Renesas Technology Corp
ISL6323 RENESAS-ISL6323 Datasheet
1Mb / 36P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI Uniplane Processors
ISL6324 RENESAS-ISL6324 Datasheet
1Mb / 38P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
ISL6328 RENESAS-ISL6328 Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6328A RENESAS-ISL6328A Datasheet
1Mb / 33P
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
ISL6329 RENESAS-ISL6329 Datasheet
1Mb / 38P
Dual PWM Controller Powering AMD SVI Split-Plane Processors
ISL6324A RENESAS-ISL6324A Datasheet
1Mb / 39P
Monolithic Dual PWM Hybrid Controller Powering AMD SVI Split-Plane and PVI
May 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com