Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 2Page - STMicroelectronics L6751 Datasheet HTML 3Page - STMicroelectronics L6751 Datasheet HTML 4Page - STMicroelectronics L6751 Datasheet HTML 5Page - STMicroelectronics L6751 Datasheet HTML 6Page - STMicroelectronics L6751 Datasheet HTML 7Page - STMicroelectronics L6751 Datasheet HTML 8Page - STMicroelectronics L6751 Datasheet HTML 9Page - STMicroelectronics L6751 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Typical application circuit and block diagram
L6751
6/59
Doc ID 023992 Rev 1
1
Typical application circuit and block diagram
1.1
Application circuit
Figure 1.
Typical 6-phase application circuit
HS1
LS1
L1
CHF
CDEC
R
C
BOOT
UGATE
PHASE
LGATE
PWM
VCC
EN
+12V
RG
HS2
LS2
L2
CHF
R
C
BOOT
UGATE
PHASE
LGATE
VCC
EN
+12V
RG
HS3
LS3
L3
CHF
R
C
BOOT
UGATE
PHASE
LGATE
VCC
EN
+12V
RG
HS4
LS4
L4
CHF
R
C
BOOT
UGATE
PHASE
LGATE
VCC
EN
+12V
RG
SHS
SLS
SL
CHF
BOOT
UGATE
PHASE
LGATE
PWM
VCC
EN
+12V
RG
S
ENDRV
SPWM
SCSP
SCSN
CS4N
CS4P
PWM4
CS3N
CS3P
PWM3
CS2N
CS2P
PWM2
CS1N
CS1P
PWM1
VR12 mP LOAD
VR12 SVID Bu
s
COUT
CMLCC
CSOUT
CSMLCC
GND
PWM
GND
PWM
GND
PWM
GND
GND
CDEC
CDEC
CDEC
CDEC
CF
RF
CI
RI
RFB
CP
RGND
VSEN
FB
COMP
CREF RREF
REF
CSF
RSF
CS I
RS I
RSFB
CSP
SRGND
SVSEN
SFB
SCOMP
LTB
ENDRV
IMAX /SIMAX
+12V
VDRV
BOOT / TMAX
ADDR
OSC
SOSC
+5V
VCC5
GDC
GND x2
(+PAD)
DPM1-3
VRRDY
SVRRDY
VR_RDY
SVR_RDY
VR_HOT
VR_HOT
EN
EN
IMON
ILIM
DPM4-6
TM
VCC5
NTC (NTHS0805N02N6801)
(Close to the hotspot)
ST L6751 (6+1) Reference Schematic
HS4
LS4
L4
CHF
R
C
BOOT
UGATE
PHASE
LGATE
VCC
EN
+12V
RG
PWM
GND
CDEC
HS4
LS4
L4
CHF
R
C
BOOT
UGATE
PHASE
LGATE
VCC
EN
+12V
RG
PWM
GND
CDEC
CS4N
CS4P
PWM4
CS4N
CS4P
PWM4
FBR
SFBR
SIMON
RIMON
RILIM
RSIMON
ROSC
RSOSC
STM
VCC5
NTC (NTHS0805N02N6801)
(Close to the hotspot)
TCOMP
STCOMP
CSREF RS REF
SREF
PMBus(tm)
SMCLK
SMAL#
SMDATA
VIN
+12V
PHASE
PHASE1
L6751
AM14809v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com