Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 40Page - STMicroelectronics L6751 Datasheet HTML 41Page - STMicroelectronics L6751 Datasheet HTML 42Page - STMicroelectronics L6751 Datasheet HTML 43Page - STMicroelectronics L6751 Datasheet HTML 44Page - STMicroelectronics L6751 Datasheet HTML 45Page - STMicroelectronics L6751 Datasheet HTML 46Page - STMicroelectronics L6751 Datasheet HTML 47Page - STMicroelectronics L6751 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
Efficiency optimization
L6751
44/59
Doc ID 023992 Rev 1
9.2
Variable frequency diode emulation (VFDE)
As the current required by the load is reduced, the L6751 progressively reduces the number
of switching phases according to DPM settings on the multi-phase section. If single-phase
operation is configured, when the delivered current approaches the CCM/DCM boundary,
the controller enters VFDE operation. The single-phase section, being a single-phase,
enters VFDE operation always when the delivered current approaches the CCM/DCM
boundary.
In a common single-phase DC-DC converter, the boundary between CCM and DCM is
when the delivered current is perfectly equal to 1/2 of the peak-to-peak ripple into the
inductor (Iout = Ipp/2). Further decreasing the load in this condition maintaining CCM
operation would cause the current into the inductor to reverse, therefore sinking current from
the output for a part of the off-time. This results in a poorly efficient system.
The L6751 is able (via the CSPx/CSNx pins) to detect the sign of the current across the
inductor (zero cross detection, ZCD), so it is able to recognize when the delivered current
approaches the CCM/DCM boundary. In VFDE operation, the controller fires the high-side
MOSFET for a TON and the low-side MOSFET for a TOFF (the same as when the controller
works in CCM mode) and waits the necessary time until next firing in high impedance (HiZ).
The consequence of this behavior is a linear reduction of the “apparent” switching frequency
that, in turn, results in an improvement of the efficiency of the converter when in very light
load conditions.
The “apparent” switching frequency reduction is limited to 30 kHz so as not to enter the
audible range.
9.2.1
VFDE and DrMOS
To guarantee correct behavior for the DrMOS power stage compliant with Intel specification
rev3, it is recommended to control the DrMOS’ SMOD input through the ENDRV/SENDRV
pins of the L6751. DrMOS enable must be controlled with the same signal used for the
L6751 EN pin.
Figure 12.
Output current vs. switching frequency in PSK mode
t
Iout = Ipp/2
t
Iout < Ipp/2
Tsw
Tsw
Tvfde
AM14819v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com