Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 5Page - STMicroelectronics L6751 Datasheet HTML 6Page - STMicroelectronics L6751 Datasheet HTML 7Page - STMicroelectronics L6751 Datasheet HTML 8Page - STMicroelectronics L6751 Datasheet HTML 9Page - STMicroelectronics L6751 Datasheet HTML 10Page - STMicroelectronics L6751 Datasheet HTML 11Page - STMicroelectronics L6751 Datasheet HTML 12Page - STMicroelectronics L6751 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
L6751
Pin description and connection diagrams
Doc ID 023992 Rev 1
9/59
B3
GND
A
GND connection. All internal references and logic are referenced to this pin.
Filter to VCC5 with proper MLCC capacitor and connect to the PCB GND
plane.
A4
CS6N
A
Channel 6 current sense negative input. Connect through an Rg resistor to the
output-side of the channel inductor. When working at < 6 phases, still connect
through Rg to CS6P and then to the regulated voltage. Filter the output-side of
Rg with 100 nF (typ) to GND.
B4
CS6P
A
Channel 6 current sense positive input. Connect through an R-C filter to the
phase-side of the channel 6 inductor. When working at < 6 phases, short to
the regulated voltage.
A5
CS5P
A
Channel 5 current sense positive input. Connect through an R-C filter to the
phase-side of the channel 5 inductor. When working at < 5 phases, short to
the regulated voltage.
B5
CS5N
A
Channel 5 current sense negative input. Connect through an Rg resistor to the
output-side of the channel inductor. When working at < 5 phases, still connect
through Rg to CS5P and then to the regulated voltage. Filter the output-side of
Rg with 100 nF (typ.) to GND.
A6
CS4N
A
Channel 4 current sense negative input. Connect through an Rg resistor to the
output-side of the channel inductor. When working at < 4 phases, still connect
through Rg to CS4P and then to the regulated voltage. Filter the output-side of
Rg with 100 nF (typ.) to GND.
B6
CS4P
A
Channel 4 current sense positive input. Connect through an R-C filter to the
phase-side of the channel 4 inductor. When working at < 4 phases, short to
the regulated voltage.
A7
CS3P
A
Channel 3 current sense positive input. Connect through an R-C filter to the
phase-side of the channel 3 inductor. When working at < 3 phases, short to
the regulated voltage.
B7
CS3N
A
Channel 3 current sense negative input. Connect through an Rg resistor to the
output-side of the channel inductor. When working at < 3 phases, still connect
through Rg to CS3P and then to the regulated voltage. Filter the output-side of
Rg with 100 nF (typ.) to GND.
A8
CS2N
A
Channel 2 current sense negative input. Connect through an Rg resistor to the
output-side of the channel inductor. Filter the output-side of Rg with 100 nF
(typ.) to GND.
B8
CS2P
A
Channel 2 current sense positive input. Connect through an R-C filter to the
phase-side of the channel 2 inductor.
A9
CS1P
A
Channel 1 current sense positive input. Connect through an R-C filter to the
phase-side of the channel 1 inductor.
D2
CS1N
A
Channel 1 current sense negative input. Connect through an Rg resistor to the
output-side of the channel inductor. Filter the output-side of Rg with 100 nF
(typ.) to GND.
Table 2.
Pin description (continued)
Pin#
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com