Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 10Page - STMicroelectronics L6751 Datasheet HTML 11Page - STMicroelectronics L6751 Datasheet HTML 12Page - STMicroelectronics L6751 Datasheet HTML 13Page - STMicroelectronics L6751 Datasheet HTML 14Page - STMicroelectronics L6751 Datasheet HTML 15Page - STMicroelectronics L6751 Datasheet HTML 16Page - STMicroelectronics L6751 Datasheet HTML 17Page - STMicroelectronics L6751 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Pin description and connection diagrams
L6751
14/59
Doc ID 023992 Rev 1
A30
COMP /
ADDR
A
Error amplifier output.
Connect with an (RF - CF)// CP to FB. The device cannot be disabled by pulling
low this pin.
Connect RCOMP = 12.5 kΩ to GND to extend PMBus addressing range (see
Table 9).
B27
FB
A
Error amplifier inverting input.
Connect with a resistor RFB // (RI - CI) to VSEN and with an (RF - CF)// CP to
COMP.
A31
VSEN
A
Output voltage monitor, manages OV and UV protection.
Connect to the positive side of the load to perform remote sense.
B28
FBR
A
Remote buffer positive sense.
Connect to the positive side of the multi-phase load to perform remote sense.
A32
LTB
A
LTB Technology input pin. See Section 11.2 for details.
B29
RGND
A
Remote ground sense.
Connect to the negative side of the multi-phase load to perform remote sense.
A33
REF
A
The reference used for the multi-phase section regulation is available on this
pin with -125 mV offset. Connect through an RREF-CREF to GND to optimize
DVID transitions. Connect through ROS resistor to FB pin to implement small
positive offset to the regulation.
B30
IMON
A
Current monitor output.
A current proportional to the multi-phase load current is sourced from this pin.
Connect through a resistor RMON to GND. The information available on this
pin is used for the current reporting and DPM. The pin can be filtered through
CIMON to GND.
A34
SVR_RDY
(PWROK)
D
VR Ready (Intel mode). Open drain output set free after SS has finished and
pulled low when triggering any protection for the single-phase section. Pull up
to a voltage lower than 3.3 V (typ.), if not used it can be left floating.
PowerOK (AMD mode). System-wide Power Good input. When low, the device
decodes SVC and SVD to determine the boot voltage.
B31
ENDRV
D
Enable driver.
CMOS output driven high when the IC commands the drivers. Used in
conjunction with the HiZ window on the PWMx pins to optimize the multi-
phase section overall efficiency. Connect directly to external driver enable pin.
A35
PWM6
D
PWM output.
Connect to related multi-phase channel external driver PWM input. During
normal operation the device is able to manage HiZ status by setting and
holding the PWMx pin to fixed voltage defined before. See Table 7 for phase
number programming.
B32
PWM5
D
A36
PWM4
D
PAD
GND
A
GND connection. All internal references and logic are referenced to this pin.
Filter to VCC with proper MLCC capacitor and connect to the PCB GND
plane.
1.
D = Digital, A = Analog.
Table 2.
Pin description (continued)
Pin#
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com