Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 46Page - STMicroelectronics L6751 Datasheet HTML 47Page - STMicroelectronics L6751 Datasheet HTML 48Page - STMicroelectronics L6751 Datasheet HTML 49Page - STMicroelectronics L6751 Datasheet HTML 50Page - STMicroelectronics L6751 Datasheet HTML 51Page - STMicroelectronics L6751 Datasheet HTML 52Page - STMicroelectronics L6751 Datasheet HTML 53Page - STMicroelectronics L6751 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
PMBus support (preliminary)
L6751
50/59
Doc ID 023992 Rev 1
12
PMBus support (preliminary)
The L6751 is compatible with PMBus™ standard revision 1.1, refer to PMBus standard
documentation for further information (www.pmbus.org).
Table 16.
Supported commands
Command
Per
Rail
Code
[Hex]
Mode
Comments
OPERATION
Y
01
RW Byte
Used to turn the controller on/off in conjunction with the input
from the control pin. Also used to set margin voltages. Soft off
not supported
ON_OFF_CONFIG
N1
02
RW Byte
Configures how the controller responds when power is
applied
WRITE_PROTECT
Y
10
RW Byte
Controls writing to the PMBus device to prevent accidental
changes
VOUT_COMMAND
Y
21
RW Word
Causes the converter to set its output voltage to the
commanded value - VID mode
VOUT_MAX
Y
24
RW Word
Sets the upper limit on the output voltage regardless of any
other command
VOUT_MARGIN_HIGH
Y
25
RW Word
Sets the voltage to which the output is to be changed when
the OPERATION command is set to “margin high”
VOUT_MARGIN_LOW
Y
26
RW Word
Sets the voltage to which the output is to be changed when
the OPERATION command is set to “margin low”
IOUT_CAL_OFFSET
Y
39
RW Word Calibration for IOUT reading
OT_FAULT_LIMIT
Y
4F
RW Word Overtemperature fault threshold
OT_WARN_LIMIT
Y
51
RW Word Overtemperature warning threshold
VIN_OV_FAULT_LIMIT
N
55
RW Word Input voltage monitor overvoltage limit
VIN_UV_FAULT_LIMIT
N
59
RW Word Input voltage monitor undervoltage limit
MFR_SPECIFIC_01
N
D1
RW Byte
AVERAGE_TIME_SCALE. Sets the time between two
measurements
MFR_SPECIFIC_02
Y
D2
RW Byte
DEBUG_MODE. [01/10] Switches [ON/OFF] the Vout control
on PMBus domain
MFR_SPECIFIC_05
Y
D5
RW Byte
VOUT_TRIM. Used to apply a fixed offset voltage to the
output voltage command value
MFR_SPECIFIC_08
Y
D8
RW Byte
VOUT_DROOP. Used to change the Vout droop
MFR_SPECIFIC_35
N1
F3
RW Byte
MANUAL_PHASE_SHEDDING. Used to manage the phase
shedding manually
MFR_SPECIFIC_38
Y
F6
RW Byte
VOUT_OV_FAULT_LIMIT. Allows the OV protection threshold
to be programmed for each rail
MFR_SPECIFIC_39
Y
F7
RW Byte
VFDE_ENABLE
MFR_SPECIFIC_40
Y
F8
RW Byte
ULTRASONIC_ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com