Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 25Page - STMicroelectronics L6751 Datasheet HTML 26Page - STMicroelectronics L6751 Datasheet HTML 27Page - STMicroelectronics L6751 Datasheet HTML 28Page - STMicroelectronics L6751 Datasheet HTML 29Page - STMicroelectronics L6751 Datasheet HTML 30Page - STMicroelectronics L6751 Datasheet HTML 31Page - STMicroelectronics L6751 Datasheet HTML 32Page - STMicroelectronics L6751 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
L6751
Device description and operation
Doc ID 023992 Rev 1
29/59
5
Device description and operation
The L6751 is a programmable 4/5/6-phase PWM controller that provides complete control
logic and protection to realize a high performance step-down DC-DC voltage regulator
optimized for advanced microprocessor and memory power supply. The device features 2nd
generation LTB Technology: through a load transient detector, it is able to turn on
simultaneously all the phases. This allows the output voltage deviation to be minimized and,
in turn, the system cost to be minimized by providing the fastest response to a load
transition.
The L6751 implements current reading across the inductor in fully differential mode. A
sense resistor in series to the inductor can also be considered to improve reading precision.
The current information read corrects the PWM output in order to equalize the average
current carried by each phase.
The controller supports Intel and AMD SVI bus and all the required registers. The platform
may configure and program the defaults for the device through dedicated pinstrapping.
A complete set of protections is available: overvoltage, undervoltage, overcurrent (per-
phase and total), and feedback disconnection guarantees the load to be safe in all
circumstances.
Special power management features like DPM, VFDE(a) and GDC modify phase number,
gate driving voltage and switching frequency to optimize efficiency over the load range.
The L6751 is available in WLPGA72 6x6 mm package.
a.
VFDE feature can be enabled using dedicated PMBus command. See Section 12 for details.
Figure 5.
Device initialization
SVI Packet
VCC5
VDRV
VIN
UVLO
2mSec POR
UVLO
UVLO
50
μSec
EN
SVI BUS
PMBus
V_SinglePhase
ENVTT
SVRRDY
V_MultiPhase
VRRDY
64
μSec
64
μSec
SVI Packet
Command Rejected
Command ACK but not executed
AM14813v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com