Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 43Page - STMicroelectronics L6751 Datasheet HTML 44Page - STMicroelectronics L6751 Datasheet HTML 45Page - STMicroelectronics L6751 Datasheet HTML 46Page - STMicroelectronics L6751 Datasheet HTML 47Page - STMicroelectronics L6751 Datasheet HTML 48Page - STMicroelectronics L6751 Datasheet HTML 49Page - STMicroelectronics L6751 Datasheet HTML 50Page - STMicroelectronics L6751 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
L6751
System control loop compensation
Doc ID 023992 Rev 1
47/59
11
System control loop compensation
The control system can be modeled with an equivalent single-phase converter with the only
difference being the equivalent inductor L/N (where each phase has an L inductor and N is
the number of the configured phases), see Figure 15.
Figure 15.
Equivalent control loop.
The control loop gain results (obtained opening the loop after the COMP pin):
Equation 21
where:
●
RLL is the equivalent output resistance determined by the droop function (voltage
positioning)
●
ZP(s) is the impedance resulting from the parallel of the output capacitor (and its ESR)
and the applied load RO
●
ZF(s) is the compensation network impedance
●
ZL(s) is the equivalent inductor impedance
●
A(s) is the error amplifier gain
●
is the PWM transfer function.
The control loop gain is designed in order to obtain a high DC gain to minimize static error
and to cross the 0 dB axes with a constant -20 dB/dec slope with the desired crossover
frequency
ωT. Neglecting the effect of ZF(s), the transfer function has one zero and two
poles; both poles are fixed once the output filter is designed (LC filter resonance
ωLC) and
the zero (
ωESR) is fixed by ESR and the droop resistance.
Ref
COMP
RF
CF
RFB
PWM
L/N
ESR
CO
d VCOMP
VOUT
ZF(s)
ZFB(s)
FBR
RGND
AM14821v1
G
LOOP s
()
PWM
Z
F s
()
R
LL
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞ R
FB
⋅
+
⋅
-------------------------------------------------------------------------------------------------------------------------
–
=
PWM
9
10
------
V
IN
ΔV
OSC
-------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com