Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 28Page - STMicroelectronics L6751 Datasheet HTML 29Page - STMicroelectronics L6751 Datasheet HTML 30Page - STMicroelectronics L6751 Datasheet HTML 31Page - STMicroelectronics L6751 Datasheet HTML 32Page - STMicroelectronics L6751 Datasheet HTML 33Page - STMicroelectronics L6751 Datasheet HTML 34Page - STMicroelectronics L6751 Datasheet HTML 35Page - STMicroelectronics L6751 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
Output voltage positioning
L6751
32/59
Doc ID 023992 Rev 1
programs a trans-conductance gain and generates a current ICSx proportional to the current
of the phase. The sum of the ICSx current, with proper gain eventually adjusted by the
PMBus commands, is then sourced by the FB pin (IDROOP). RFB gives the final gain to pro-
gram the desired load-line slope (Figure 6).
Time constant matching between the inductor (L / DCR) and the current reading filter (RC)
is required to implement a real equivalent output impedance of the system, therefore avoid-
ing over and/or undershoot of the output voltage as a consequence of a load transient. The
output voltage characteristic vs. load current is then given by:
Equation 4
where RLL is the resulting load-line resistance implemented by the multi-phase section.
The RFB resistor can be then designed according to the RLL specifications as follows:
Equation 5
Caution:
When in DDR mode, and enabled, droop current has a scaling factor equal to 1/4. All the
above equations must be scaled accordingly.
6.4
Single-phase section - disable
The single-phase section can be disabled by pulling high the SPWM pin. The related
command is rejected.
6.5
Single-phase section - current reading
The single-phase section performs the same differential current reading across DCR as the
multi-phase section. According to Section 6.2, the current that flows from the SCSN pin is
then given by the following equation (see Figure 7):
Equation 6
6.6
Single-phase section - defining load-line
This method introduces a dependence of the output voltage on the load current recovering
part of the drop due to the output capacitor ESR in the load transient. Introducing a depen-
dence of the output voltage on the load current, a static error, proportional to the output cur-
rent, causes the output voltage to vary according to the sensed current.
V
OUT
VID
R
FB
I
DROOP
⋅
–
VID
R
FB
DCR
R
G
-------------
I
OUT
⋅⋅
–
VID
R
LL
I
OUT
⋅
–
==
=
R
FB
R
LL
R
G
DCR
-------------
⋅
=
I
SCSN
DCR
R
SG
-------------
I
SOUT
⋅
I
SDROOP
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com