Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 21Page - STMicroelectronics L6751 Datasheet HTML 22Page - STMicroelectronics L6751 Datasheet HTML 23Page - STMicroelectronics L6751 Datasheet HTML 24Page - STMicroelectronics L6751 Datasheet HTML 25Page - STMicroelectronics L6751 Datasheet HTML 26Page - STMicroelectronics L6751 Datasheet HTML 27Page - STMicroelectronics L6751 Datasheet HTML 28Page - STMicroelectronics L6751 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
L6751
Device configuration and pinstrapping tables
Doc ID 023992 Rev 1
25/59
.
18
75
0000b
(VR12)
CCh / 8Ch
ON
ON
15
75
OFF
10
59
C8h / 88h
ON
10
75
OFF
10
100
C4h / 84h
ON
10
150
OFF
10
220
C0h / 80h
ON
10
Open
OFF
1.
Recommended values, divider needs to be connected between VCC5 pin and GND.
2.
In DDR mode, when enabled, droop has 1/4th scaling factor.
3.
SVI address for multi-phase. Single-phase is further offset by 0001b. In AMD mode, SVI address defaults
according to AMD specifications.
4.
PMBus address for multi-phase (read/write). Single-phase is further offset by 02h. When in VR12 CPU
mode, RCOMP = 12.5 k
Ω to GND, select between Cxh (Open) and 8xh (if installed) PMBus address.
Table 9.
ADDR pinstrapping(1) (2) (continued)
Rdown
[k
Ω]
Rup
[k
Ω]
ADDR
ADDR (3)
PMBADDR
(4)
JMode
DROOP
multi-phase
DROOP
single-phase
Table 10.
BOOT / TMAX pinstrapping(1) (2)
Rdown
[k
Ω]
Rup
[k
Ω]
BOOT - Intel address 0000b(3)
Intel address 0010b, 0100b (3)
TMAX [C]
Multi-
phase
Single-
phase
Link rest
JMode
VBOOT
Link rest
10
1.5
1.000 V
0.000 V
VSA
32
μsec
(debug)
ON
1.500 V
32
μsec
(debug)
130
10
2.7
120
22
6.8
110
10
3.6
100
27
11
1.000 V
1.000 V
VSA
32
μsec
(debug)
10
μsec
(functional)
130
12
5.6
120
82
43
110
13
7.5
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com