Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 33Page - STMicroelectronics L6751 Datasheet HTML 34Page - STMicroelectronics L6751 Datasheet HTML 35Page - STMicroelectronics L6751 Datasheet HTML 36Page - STMicroelectronics L6751 Datasheet HTML 37Page - STMicroelectronics L6751 Datasheet HTML 38Page - STMicroelectronics L6751 Datasheet HTML 39Page - STMicroelectronics L6751 Datasheet HTML 40Page - STMicroelectronics L6751 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
L6751
Output voltage monitoring and protection
Doc ID 023992 Rev 1
37/59
7.2
Overcurrent and current monitor
The overcurrent threshold must be programmed to a safe value, in order to be sure that
each section does not enter OC during normal operation of the device. This value must take
into consideration also the process spread and temperature variations of the sensing ele-
ments (inductor DCR).
Furthermore, since also the internal threshold spreads, the design must consider the mini-
mum/maximum values of the threshold.
7.2.1
Multi-phase section
The L6751 features two independent load indicator signals, IMON and ILIM, to properly
manage OC protection, current monitoring and DPM. Both IMON and ILIM source a current
proportional to the current delivered by the regulator, as follows:
Equation 11
The IMON and ILIM pins are connected to GND through a resistor (RIMON and RILIM respec-
tively), implementing a load indicator with different targets.
●
IMON is used for current reporting purposes and for the DPM phase shedding. RIMON
must be designed considering that IMAX must correspond to 1.24 V (for correct IMAX
detection).
●
ILIM is used for the overcurrent protection only. RILIM must be designed considering
that the OC protection is triggered when V(ILIM)=2.5 V.
In addition, the L6751 also performs per-phase OC protection.
–
Per-phase OC. Maximum information current per-phase (IINFOx) is internally
limited to 35
μA. This end-of-scale current (IOC_TH) is compared with the
information current generated for each phase (IINFOx). If the current information for
the single-phase exceeds the end-of-scale current (i.e. if IINFOx > IOC_TH), the
device turns on the LS MOSFET until the threshold is re-crossed (i.e. until IINFOx <
IOC_TH).
–
Total current OC. the ILIM pin allows a maximum total output current for the
system (IOC_TOT) to be defined. ILIM current is sourced from the ILIM pin. By
connecting a resistor RILIM to GND, a load indicator with 2.5 V (VOC_TOT) end-of-
scale can be implemented. When the voltage present at the ILIM pin crosses
VOC_TOT, the device detects an OC and immediately latches with all the MOSFETs
of all the sections OFF (HiZ).
Typical design considers the intervention of the total current OC before the per-phase OC,
leaving this last one as an extreme-protection in case of hardware failures in the external
components. Per-phase OC depends on the RG design while total OC is dependant on the
ILIM design and on the application TDC and max. current supported. Typical design flow is
the following:
–
Define the maximum total output current (IOC_TOT) according to system
requirements (IMAX, ITDC). Considering IMON design, IMAX must correspond to 1.24
V (for correct IMAX detection) while considering ILIM design IOC_TOT must
correspond to 2.5 V.
–
Design per-phase OC and RG resistor in order to have IINFOx = IOC_TH (35 μA)
when IOUT is about 10% higher than the IOC_TOT current. It results:
I
MON
I
LIM
DCR
R
G
-------------
I
OUT
⋅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com