Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 34Page - STMicroelectronics L6751 Datasheet HTML 35Page - STMicroelectronics L6751 Datasheet HTML 36Page - STMicroelectronics L6751 Datasheet HTML 37Page - STMicroelectronics L6751 Datasheet HTML 38Page - STMicroelectronics L6751 Datasheet HTML 39Page - STMicroelectronics L6751 Datasheet HTML 40Page - STMicroelectronics L6751 Datasheet HTML 41Page - STMicroelectronics L6751 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Output voltage monitoring and protection
L6751
38/59
Doc ID 023992 Rev 1
Equation 12
where N is the number of phases and DCR the DC resistance of the inductors. RG
should be designed in worst-case conditions.
–
Design the RIMON in order to have the IMON pin voltage to 1.24 V at the IMAX
current specified by the design. It results:
Equation 13
where IMAX is max. current requested by the processor (see Intel docs for details).
–
Design the RILIM in order to have the ILIM pin voltage to 2.5 V at the IOC_TOT
current specified above. It results:
Equation 14
where IOC_TOT is the overcurrent switch-over threshold previously defined.
–
Adjust the defined values according to application bench testing.
–CILIM in parallel to RILIM can be added with proper time constant to prevent false
OC tripping and/or delay.
–CIMON in parallel to RIMON can be added to adjust the averaging interval for the
current reporting and/or adjust the DPM latencies. Additionally, it can be increased
to prevent false total-OC tripping during DVID.
Note:
This is the typical design flow. Custom design and specifications may require different
settings and ratios between the per-phase OC threshold and the total current OC threshold.
Applications with big ripple across inductors may be required to set per-phase OC to values
different than 110%: design flow should be modified accordingly.
Current reporting precision on IMON may be affected by external layout. The internal ADC is
referenced to the device GND pin: in order to perform the highest accuracy in the current
monitor, RIMON must be routed to the GND pin with dedicated net to avoid GND plane drops
affecting the precision of the measurement.
7.2.2
Overcurrent and power states
When the controller receives an SetPS command through the SVI interface, it automatically
changes the number of working phases. In particular, the maximum number of phases
which L6751 may work in >PS00h is limited to 2 phases regardless of the number N
configured in PS00h.
OC level is then scaled as the controller enters >PS00h, as per Table 14.
R
G
1.1
I
OC_TOT
⋅
() DCR
⋅
NI
⋅
OCTH
--------------------------------------------------------------
=
R
IMON
1.24V
R
G
⋅
I
MAX
DCR
⋅
---------------------------------
=
R
ILIM
2.5V
R
G
⋅
I
OC_TOT
DCR
⋅
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com