Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 36Page - STMicroelectronics L6751 Datasheet HTML 37Page - STMicroelectronics L6751 Datasheet HTML 38Page - STMicroelectronics L6751 Datasheet HTML 39Page - STMicroelectronics L6751 Datasheet HTML 40Page - STMicroelectronics L6751 Datasheet HTML 41Page - STMicroelectronics L6751 Datasheet HTML 42Page - STMicroelectronics L6751 Datasheet HTML 43Page - STMicroelectronics L6751 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Output voltage monitoring and protection
L6751
40/59
Doc ID 023992 Rev 1
Equation 16
where ISMAX is max. current requested by the processor (see Intel docs for
details).
–
Adjust the defined values according to application bench tests.
–CSIMON in parallel to RSIMON can be added with proper time constant to prevent
false OC tripping.
Note:
This is the typical design flow. Custom design and specifications may require different
settings and ratios between the per-phase OC threshold and the total current OC threshold.
Applications with big ripple across inductors may be required to set per-phase OC to values
different than 110%: design flow should be modified accordingly.
R
SIMON
1.24V
R
SG
⋅
I
SMAX
DCR
⋅
-------------------------------------
=
I
SIMON
DCR
R
SG
-------------
I
SOUT
⋅
=
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com