Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 23Page - STMicroelectronics L6751 Datasheet HTML 24Page - STMicroelectronics L6751 Datasheet HTML 25Page - STMicroelectronics L6751 Datasheet HTML 26Page - STMicroelectronics L6751 Datasheet HTML 27Page - STMicroelectronics L6751 Datasheet HTML 28Page - STMicroelectronics L6751 Datasheet HTML 29Page - STMicroelectronics L6751 Datasheet HTML 30Page - STMicroelectronics L6751 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
L6751
Device configuration and pinstrapping tables
Doc ID 023992 Rev 1
27/59
Table 11.
DPM pinstrapping(1)
1.
Suggested values, divider needs to be connected between VCC5 pin and GND.
Rdown
[k
Ω]
Rup
[k
Ω]
DPM1-3(2)(3)
DPM4-6(2)(3)
DPM12
DPM23
GDC0
DPM34
DPM46
GDC1
10
1.5
16A
+20A
1
+30A
+22A
1
10
2.7
0
0
22
6.8
+16A
1
+14A
1
10
3.6
0
0
27
11
+10A
1
+8A
1
12
5.6
0
0
82
43
+6A
1
DPM OFF
1
13
7.5
0
0
56
36
12A
+20A
1
+22A
+22A
1
18
13
0
0
15
12
+16A
1
+14A
1
18
16
0
0
15
14.7
+10A
1
+8A
1
10
11
0
0
18
22
+6A
1
DPM OFF
1
56
75
0
0
10
15
8A
+20A
1
+14A
+22A
1
12
20
0
0
12
22.6
+16A
1
+14A
1
39
82
0
0
47
110
+10A
1
+8A
1
10
27
0
0
22
68
+6A
1
DPM OFF
1
10
36
0
0
18
75
OFF
(12A)(4)
+20A
1
+8A
+22A
1
15
75
0
0
10
59
+16A
1
+14A
1
10
75
0
0
10
100
+10A
1
+8A
1
10
150
0
0
10
220
+6A
1
DPM
OFF(5)
1
10
Open
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com