Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 44Page - STMicroelectronics L6751 Datasheet HTML 45Page - STMicroelectronics L6751 Datasheet HTML 46Page - STMicroelectronics L6751 Datasheet HTML 47Page - STMicroelectronics L6751 Datasheet HTML 48Page - STMicroelectronics L6751 Datasheet HTML 49Page - STMicroelectronics L6751 Datasheet HTML 50Page - STMicroelectronics L6751 Datasheet HTML 51Page - STMicroelectronics L6751 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
System control loop compensation
L6751
48/59
Doc ID 023992 Rev 1
Figure 16.
Control loop bode diagram and fine tuning
To obtain the desired shape, an RF-CF series network is considered for the ZF(s)
implementation. A zero at
ωF=1/RFCF is then introduced together with an integrator. This
integrator minimizes the static error while placing the zero
ωF in correspondence with the L-
C resonance and assures a simple -20 dB/dec shape of the gain.
In fact, considering the usual value for the output filter, the LC resonance results as being at
a frequency lower than the above reported zero.
The compensation network can be designed as follows:
Equation 22
Equation 23
11.1
Compensation network guidelines
The compensation network design assures a system response according to the crossover
frequency selected and to the output filter considered: it is however possible to further fine
tune the compensation network by modifying the bandwidth in order to get the best
response of the system as follows (see Figure 16):
–
Increase RF to increase the system bandwidth accordingly.
–
Decrease RF to decrease the system bandwidth accordingly.
–
Increase CF to move ωF to low frequencies, increasing as a consequence the
system phase margin.
Having the fastest compensation network does not guarantee that the load requirements are
satisfied: the inductor still limits the maximum dI/dt that the system can afford. In fact, when
a load transient is applied, the best that the controller can do is to “saturate” the duty cycle to
its maximum (dMAX) or minimum (0) value. The output voltage dV/dt is then limited by the
inductor charge/discharge time and by the output capacitance. In particular, the most
limiting transition corresponds to the load-removal since the inductor results as being
discharged only by Vout (while it is charged by VIN-VOUT during a load appliance).
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ω F
ω
ESR
ω
T
RF[dB]
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ω F
ω
ESR
ω
T
RF[dB]
RF
CF
AM14822v1
R
F
R
FB
ΔV
OSC
⋅
V
IN
-------------------------------------
10
9
------
F
SW
L
⋅
R
LL
ESR
+
()
----------------------------------
⋅⋅
=
C
F
C
O
L
⋅
R
F
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com