Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6751 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6751
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6751 Datasheet HTML 26Page - STMicroelectronics L6751 Datasheet HTML 27Page - STMicroelectronics L6751 Datasheet HTML 28Page - STMicroelectronics L6751 Datasheet HTML 29Page - STMicroelectronics L6751 Datasheet HTML 30Page - STMicroelectronics L6751 Datasheet HTML 31Page - STMicroelectronics L6751 Datasheet HTML 32Page - STMicroelectronics L6751 Datasheet HTML 33Page - STMicroelectronics L6751 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
Output voltage positioning
L6751
30/59
Doc ID 023992 Rev 1
6
Output voltage positioning
Output voltage positioning is performed by selecting the controller operative-mode, as per
Table 6, for the two sections and by programming the droop function effect (see Figure 6).
The controller reads the current delivered by each section by monitoring the voltage drop
across the DCR inductors. The current (IDROOP / ISDROOP) sourced from the FB / SFB pins,
directly proportional to the read current, causes the related section output voltage to vary
according to the external RFB / RSFB resistor, therefore implementing the desired load-line
effect.
The L6751 embeds a dual remote-sense buffer to sense remotely the regulated voltage of
each section without any additional external components. In this way, the output voltage
programmed is regulated compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Figure 6.
Voltage positioning
6.1
Multi-phase section - phase # programming
The multi-phase section implements a flexible 3 to 6 interleaved-phase converter. To pro-
gram the desired number of phases, simply short to VCC5 the PWMx signal that is not
required, according to Table 7.
Caution:
For the disabled phase(s), the current reading pins need to be properly connected to avoid
errors in current-sharing and voltage-positioning: CSxP needs to be connected to the
regulated output voltage while CSxN needs to be connected to CSxP through the same RG
resistor used for the active phases.
6.2
Multi-phase section - current reading and current sharing
loop
The L6751 embeds a flexible, fully-differential current sense circuitry that is able to read
across inductor parasitic resistance or across a sense resistor placed in series to the induc-
tor element. The fully-differential current reading rejects noise and allows the sensing ele-
ment to be placed in different locations without affecting measurement accuracy. The trans-
Ref. from DAC
FB
COMP
VSEN
FBR
RF
CF
RFB
To VddCORE
(Remote Sense)
RGND
AM14814v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com