Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 119 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 115Page - STMicroelectronics SPC564A80L7 Datasheet HTML 116Page - STMicroelectronics SPC564A80L7 Datasheet HTML 117Page - STMicroelectronics SPC564A80L7 Datasheet HTML 118Page - STMicroelectronics SPC564A80L7 Datasheet HTML 119Page - STMicroelectronics SPC564A80L7 Datasheet HTML 120Page - STMicroelectronics SPC564A80L7 Datasheet HTML 121Page - STMicroelectronics SPC564A80L7 Datasheet HTML 122Page - STMicroelectronics SPC564A80L7 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
119/157
Figure 15.
Nexus output timing
9tTCYC
CC
D
TCK Cycle Time
4(6),(7)
—tCYC
9a
tTCYC
CC
D
Absolute Minimum TCK Cycle Time
100(8)
—ns
10
tTDC
CC
D
TCK Duty Cycle
40
60
%
11
tNTDIS
CC
D
TDI Data Setup Time
5
—
ns
12
tNTDIH
CC
D
TDI Data Hold Time
25
—
ns
13
tNTMSS
CC
D
TMS Data Setup Time
5
—
ns
14
tNTMSH
CC
D
TMS Data Hold Time
25
—
ns
15
—
CC
D
TDO propagation delay from falling
edge of TCK
—19.5
ns
16
—
CC
D
TDO hold time with respect to TCK
falling edge (minimum TDO
propagation delay)
5.25
—
ns
1.
All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal. Nexus timing
specified at VDD = 1.14 V to 1.32 V, VDDEH = 4.5 V to 5.5 V with multi-voltage pads programmed to Low-Swing mode,
TA =TL to TH, and CL = 30 pF with DSC = 0b10.
2.
Achieving the absolute minimum MCKO cycle time may require setting the MCKO divider to more than its minimum setting
(NPC_PCR[MCKO_DIV] depending on the actual system frequency being used.
3.
This is a functionally allowable feature. However, this may be limited by the maximum frequency specified by the Absolute
minimum MCKO period specification.
4.
This may require setting the MCO divider to more than its minimum setting (NPC_PCR[MCKO_DIV]) depending on the
actual system frequency being used.
5.
MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
6.
Achieving the absolute minimum TCK cycle time may require a maximum clock speed (system frequency / 8) that is less
than the maximum functional capability of the design (system frequency / 4) depending on the actual system frequency
being used.
7.
This is a functionally allowable feature. However, this may be limited by the maximum frequency specified by the Absolute
minimum TCK period specification.
8.
This may require a maximum clock speed (system frequency / 8) that is less than the maximum functional capability of the
design (system frequency / 4) depending on the actual system frequency being used.
Table 39.
Nexus debug port timing(1) (continued)
#
Symbol
C
Characteristic
Min. Value Max. Value
Unit
1
2
4
6
MCKO
MDO
MSEO
EVTO
Output Data Valid
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com