Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 123 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 119Page - STMicroelectronics SPC564A80L7 Datasheet HTML 120Page - STMicroelectronics SPC564A80L7 Datasheet HTML 121Page - STMicroelectronics SPC564A80L7 Datasheet HTML 122Page - STMicroelectronics SPC564A80L7 Datasheet HTML 123Page - STMicroelectronics SPC564A80L7 Datasheet HTML 124Page - STMicroelectronics SPC564A80L7 Datasheet HTML 125Page - STMicroelectronics SPC564A80L7 Datasheet HTML 126Page - STMicroelectronics SPC564A80L7 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
123/157
Figure 18.
CLKOUT timing
6tCOV
CC
D
CLKOUT Posedge to Output Signal Valid
(Output Delay)
ADDR[8:31]
CS[0:3]
DATA[0:31]
OE
RD_WR
TS
WE[0:3]/BE[0:3]
—9
ns
7tCIS
CC
D
Input Signal Valid to CLKOUT Posedge
(Setup Time)
DATA[0:31]
6.0
—
ns
8tCIH
CC
D
CLKOUT Posedge to Input Signal Invalid
(Hold Time)
DATA[0:31]
1.0
—
ns
9tAPW
CC
D
ALE Pulse Width(4)
6.5
—
ns
10
tAAI
CC
D
ALE Negated to Address Invalid4
1.5(5)
—ns
1.
External Bus and Calibration bus timing specified at fSYS = 150 MHz and 100 MHz, VDD = 1.14 V to 1.32 V,
VDDE = 3 V to 3.6 V (unless stated otherwise), TA =TL to TH, and CL = 30 pF with DSC = 0b10.
2.
The external bus is limited to half the speed of the internal bus. The maximum external bus frequency is 66 MHz for 16-bit
muxed mode and 33 MHz for non-muxed mode. For The EBI division factor should be set accordingly based on the internal
frequency being used.
3.
Refer to Fast Pad timing in Table 35 and Table 36 (different values for 1.8 V vs. 3.3 V).
4.
Measured at 50% of ALE.
5.
When CAL_TS pad is used for CAL_ALE function the hold time is 1 ns instead of 1.5 ns.
Table 43.
External bus interface (EBI) and calibration bus operation timing (1) (continued)
#
Symbol
C
Characteristic
66 MHz (ext. bus)(2)
Unit
Notes
Min
Max
1
2
2
3
4
CLKOUT
VDDE/2
Vol_f
Voh_f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com