Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 141 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 137Page - STMicroelectronics SPC564A80L7 Datasheet HTML 138Page - STMicroelectronics SPC564A80L7 Datasheet HTML 139Page - STMicroelectronics SPC564A80L7 Datasheet HTML 140Page - STMicroelectronics SPC564A80L7 Datasheet HTML 141Page - STMicroelectronics SPC564A80L7 Datasheet HTML 142Page - STMicroelectronics SPC564A80L7 Datasheet HTML 143Page - STMicroelectronics SPC564A80L7 Datasheet HTML 144Page - STMicroelectronics SPC564A80L7 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Packages
Doc ID 15399 Rev 9
141/157
4.2.2
BGA208
1.
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized
markings, or other feature of package body or integral heatslug.
A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1
corner. Exact shape of each corner is optional.
Table 53.
LBGA208 mechanical data
Symbol
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
1.70
0.0669
A1
0.30
0.0118
A2
1.085
0.0427
A3
0.30
0.0118
A4
0.80
0.0315
b(3)
0.50
0.60
0.70
0.0197
0.0236
0.0276
1
3
5
7
9
111315
2
4
6
8
10
12
14
16
R
L
K
T
J
N
M
P
A
B
H
G
F
D
C
E
A1 corner index area
(See note 1)
Bottom view
b (208 balls)
M
M
eee
fff
CA B
C
Seating
plane
A
D
D1
F
e
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com