Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 144 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 140Page - STMicroelectronics SPC564A80L7 Datasheet HTML 141Page - STMicroelectronics SPC564A80L7 Datasheet HTML 142Page - STMicroelectronics SPC564A80L7 Datasheet HTML 143Page - STMicroelectronics SPC564A80L7 Datasheet HTML 144Page - STMicroelectronics SPC564A80L7 Datasheet HTML 145Page - STMicroelectronics SPC564A80L7 Datasheet HTML 146Page - STMicroelectronics SPC564A80L7 Datasheet HTML 147Page - STMicroelectronics SPC564A80L7 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 157 page
background image
Packages
SPC564A74L7, SPC564A80B4, SPC564A80L7
144/157
Doc ID 15399 Rev 9
Table 54.
PBGA324 package mechanical data
Symbol
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A(1),(2),(3)
1.
Max mounted height is 1.77mm.Based on 0.35mm ball pad diameter. Solder paste is 0.15mm thickness
and 0.35mm diameter.
2.
PBGA stands for Plastic Ball Grid Array.
3.
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized
markings, or other feature of package body or integral heatslug. A distinguishing feature is allowable on the
bottom surface of the package to identify the terminal A1corner. Exact shape of each corner is optional.
1.720
1.620
1.720
1.820
A1
0.270
0.350
0.400
0.450
A2
1.320
1.320
b
0.550
0.6000
0.650
0.550
0.600
0.650
D
22.80
23.00
23.200
22.900
23.000
23.100
D1
21.00
21.000
E
22.800
23.000
23.200
22.900
23.000
23.100
E1
21.000
21.000
e
0.950
1.000
1.050
0.950
1.000
1.050
f
0.875
1.000
1.125
0.875
1.000
1.125
ddd
0.200
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com