Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 147 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 143Page - STMicroelectronics SPC564A80L7 Datasheet HTML 144Page - STMicroelectronics SPC564A80L7 Datasheet HTML 145Page - STMicroelectronics SPC564A80L7 Datasheet HTML 146Page - STMicroelectronics SPC564A80L7 Datasheet HTML 147Page - STMicroelectronics SPC564A80L7 Datasheet HTML 148Page - STMicroelectronics SPC564A80L7 Datasheet HTML 149Page - STMicroelectronics SPC564A80L7 Datasheet HTML 150Page - STMicroelectronics SPC564A80L7 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Document revision history
Doc ID 15399 Rev 9
147/157
6
Document revision history
Table 56.
Revision history
Date
Revision
Changes
23-Feb-2009
1
Initial release
09-Dec-2009
2
Maximum device speed is 145 MHz (was 150 MHz)
16-entry Memory Protection Unit (MPU). Was incorrectly listed as 8-entry.
288-ball BGA package deleted
Feature details section added
Changes to signal summary table:
– Added ANY function to AN[10]
– Added ANW function to AN[8]
Changes to 208 ball BGA ballmap:
– A12 is AN12-SDS (was AN12)
– A15 is VRC33 (was VDD33)
– B12 is AN13-SDO (was AN13)
– C12 is AN14SDI (was AN14)
– C13 is AN15-FCK (was AN15)
– D1 is VRC33 (was VDD33)
– F13 is VDDEH6AB (was VDDEH6)
– H13 is GPIO99 (was PCSA3)
– J15 is GPIO98 (was PCSA2)
– K4 is now VDDEH1AB (was VDDEH1)
– N6 is now VRC33 (was VDD33)
– N9 is VDDEH4AB (was VDDEH4)
– N12 is now VRC33 (was VDD33)
– P6 is now NC
– T13 is VDDE5 (was NC)
Changes to 324 ball BGA ballmap:
– A6 is VDDA (was VDDA1)
– A7 is VSSA (was VSSA1)
– A15 is VSSA (was VSSA0)
– A16 is AN12_SDS (was AN12)
– A17 is MDO11_ETPUA29O (was MDO11)
– A18 is MDO10_ETPUA27O (was MDO10)
– A19 is MDO8_ETPUA21O (was MDO8)
– A21 is VRC33 (was VDD33)
– B1 is VRC33 (was VDD33)
– B15 is VSSA (was VSSA0)
– B16 is AN13_SDO (was AN13)
– B17 is MDO9_ETPUA25O (was MDO9)
– B18 is MDO7_ETPUA19O (was MDO7)
– B19 is MDO4_ETPUA2O (was MDO4)
– B22 is NIC (was VDDE7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com