Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 151 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 147Page - STMicroelectronics SPC564A80L7 Datasheet HTML 148Page - STMicroelectronics SPC564A80L7 Datasheet HTML 149Page - STMicroelectronics SPC564A80L7 Datasheet HTML 150Page - STMicroelectronics SPC564A80L7 Datasheet HTML 151Page - STMicroelectronics SPC564A80L7 Datasheet HTML 152Page - STMicroelectronics SPC564A80L7 Datasheet HTML 153Page - STMicroelectronics SPC564A80L7 Datasheet HTML 154Page - STMicroelectronics SPC564A80L7 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Document revision history
Doc ID 15399 Rev 9
151/157
02-Apr-2010
(cont)
3
(cont)
Added information to AC timings section:
– New section added: Reset and configuration pin timing
– New section added: External interrupt timing (IRQ pin)
– New section added: eTPU timing
– Added Nexus debug port operating frequency table to Nexus timings section
– Added external bus interface maximum operating frequency table and calibration
bus interface maximum operation frequency table
– Added FlexCAN system clock source section
Changes to Power management control (PMC) and power on reset (POR) electrical
specifications:
– Max value for parameter 2 (vddreg) is 5.25 V (was 5.5 V)
Updated “Core voltage regulator controller external components preferred
configuration” diagram.
Changes to DC electrical specifications table:
– Slew rate on power supply pins (system requirement) changed to 25 V/ms (was
50 V/ms)
Throughout the document the maximum frequency is now 150 MHz (was 145 MHz)
Changes to DC electrical specifications:
– Parameter classifications added
–VDDREG max value changed to 5.25 V (was 5.5 V)
–VOH_LS min value changed to 2.0 V (was 2.7 V) with a load current of 0.5 mA
–VOL_LS max value changed to 0.6 V (was 0.2*VDDEH) with load current of 2 mA
–VINDC min value changed to VSSA-0.3 (was VSSA-1.0)
–VINDC max value changed to VDDA+0.3 (was VDDA+1.0)
Added new section: Configuring SRAM wait states
– VRCCTL external circuit updated.
01-Oct-2010
4
Updates to Nexus timings:
–tMDOV max value changed to 0.35 (was 0.2)
–tMSEOV max value changed to 0.35 (was 0.2)
–tEVTOV max value changed to 0.35 (was 0.2)
Updates to DC electrical specifications:
–VSTBY min value changed to 0.95 V (was 0.9 V)
–VSTBY has two ranges—for regulated mode and unregulated mode
Correction to PLLMRFM electrical specifications:
–VDDPLL range is from 1.08 V to 3.6 V (was 3.0 V to 3.6 V.
Updates to pad AC specifications:
– Specs with drive load = 200 pF deleted. DSC (drive strength control) values range
from 10–50pF.
– I/O pad average IDDE specifications updated (fast pad specs only)
– I/O pad VRC33 average IDDE specifications (fast pad specs only)
Updates to Reset and configuration pin timings:
– Footnote added: RESET pulse width is measured from 50% of the falling edge to
50% of the rising edge.
– Timings are specified at VDD = 1.14 V to 1.32 V (was 1.08 V to 1.32 V).
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com