Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 150 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 146Page - STMicroelectronics SPC564A80L7 Datasheet HTML 147Page - STMicroelectronics SPC564A80L7 Datasheet HTML 148Page - STMicroelectronics SPC564A80L7 Datasheet HTML 149Page - STMicroelectronics SPC564A80L7 Datasheet HTML 150Page - STMicroelectronics SPC564A80L7 Datasheet HTML 151Page - STMicroelectronics SPC564A80L7 Datasheet HTML 152Page - STMicroelectronics SPC564A80L7 Datasheet HTML 153Page - STMicroelectronics SPC564A80L7 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 157 page
background image
Document revision history
SPC564A74L7, SPC564A80B4, SPC564A80L7
150/157
Doc ID 15399 Rev 9
02-Apr-2010
(cont)
3
(cont)
Signal Details table updated:
– Added eTPU2 reaction channels
– Changed IRQ[0:15] to two ranges, excluding IRQ6, which does not exist on this
device
– Changed TCR_A to TCRCLKA (TCR_A is the pin name, not the signal name)
– Changed WE_BE[0:1] to WE_BE[0:3] (2 new signals added to Rev. 2). Also
changed notation from “WE_BE[n]” to “WE[n]/BE[n]” to be consistent.
Changes to Power/ground segmentation table:
– ADDR[20:21] removed from VDDE2 segment; they are in VDDE-EH
– CAL_CS1 removed from VDDE12 segment (there is no CAL_CS1 on this device)
– CAL_EVTO and CAL_MCKO removed from VDDE12 segment. Those pins do not
exist
– VDDE-VDDEH renamed to VDDE-EH
– EMIOS24 removed from VDDEH segment. That pin does not exist.
– ETPUA[0:9] added to VDDEH4 segment
– Renamed TCR_A in VDDEH4 segment to TCRCLKA.
– EXTAL and XTAL added to VDDEH6 segment
– AN15-FCK added to VDDEH7 segment
– GPIO98, GPIO99, GPIO206, GPIO207 and GPIO219 added to VDDEH7 segment.
– MSEO1 added to VDDEH7 segment
– Power segment VDDEH1A renamed to VDDEH1
Changes to 176-pin package pinout:
– Changed pin 9 from AN38 to AN8.
– Added note that pin 96 (VSS) should be tied low.
Changes to 208-ball package ballmap:
– Changed ball B3 from AN38 to AN8.
– Added note that ball N13 (VSS) should be tied low.
324-ball package ballmap updated for Rev. 2 silicon
– Renamed VDDA (A6) to VDDA0
– Renamed VSSA (A7) to VSSA0
– AN8 was on ball C5; it is now on D6
– AN38 was on ball D6; it is now on C5
– Renamed VSSA (A15) to VSSA1
– Renamed VDDA (C15) to VDDA1
– Rename VSSA (B15) to VSSA1
BGA288 package is no longer offered
Changes to features list:
– Correction: there are 6 reaction channels (was noted as 5)
– Development Trigger Semaphore (DTS) added to features list and feature details
– FlexRay module now has 128 message buffers (was 64) and ECC support
Added note after JTAG pin AC electrical characteristics table detailing JTAG EVTI and
RDY signal clocking with TCK. This affects debuggers.
Table 56.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com