Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564A80L7 Datasheet(PDF) 146 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 142Page - STMicroelectronics SPC564A80L7 Datasheet HTML 143Page - STMicroelectronics SPC564A80L7 Datasheet HTML 144Page - STMicroelectronics SPC564A80L7 Datasheet HTML 145Page - STMicroelectronics SPC564A80L7 Datasheet HTML 146Page - STMicroelectronics SPC564A80L7 Datasheet HTML 147Page - STMicroelectronics SPC564A80L7 Datasheet HTML 148Page - STMicroelectronics SPC564A80L7 Datasheet HTML 149Page - STMicroelectronics SPC564A80L7 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 157 page
background image
Ordering information
SPC564A74L7, SPC564A80B4, SPC564A80L7
146/157
Doc ID 15399 Rev 9
Figure 35.
Product code structure
Memory
Conditioning
Core Family
Y = Tray
R = Tape and Reel
A = 150 MHz
B = 120 MHz
C = 80 MHz
F = Optional Flexray controller
B = –40 to 105 °C
C = –40 to 125 °C
B2 = LBGA208
B4 = PBGA324
L7 = LQFP176
H1 = Known Good Die
80 = 4 MB
74 = 3 MB
A = SPC564A80 family
4 = e200z4
SPC56 = Power Architecture in 90
nm
Temperature
Package
Custom vers.
SPC56
80
Y
4A
C
L5
F
Example code:
Product identifier
Max Freq.
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com