Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 115Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 116Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 117Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 118Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 119Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 120Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 121Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 122Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Package characteristics
119/136
Figure 66.
8-pin plastic small outline package, 150-mil width package outline
Table 71.
8-pin plastic small outline package, 150-mil width, package mechanical
data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75
0.0530
0.0690
A1
0.10
0.25
0.0040
0.0100
A2
1.10
1.65
0.0430
0.0650
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0070
0.0100
D
4.80
5.00
0.1890
0.1970
E
3.80
4.00
0.1500
0.1580
e
1.27
0.0500
H
5.80
6.20
0.2280
0.2440
h
0.25
0.50
0.0100
0.0200
α
0d
8d
L
0.40
1.27
0.0160
0.0500
Number of pins
N8
D
B
A1
A
h x 45°
A2
H
E
e
L
C
α
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com