Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 117Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 118Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 119Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 120Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 121Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 122Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 123Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 124Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST7LITEUS2, ST7LITEUS5
Package characteristics
121/136
Figure 68.
16-pin plastic dual in-line package, 300-mil width, package outline
Table 73.
16-pin plastic dual in-line package, 300-mil width, package mechanical
data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
5.33
0.2100
A1
0.38
0.0150
A2
2.92
3.30
4.95
0.1150
0.1300
0.1950
b
0.36
0.46
0.56
0.0140
0.0180
0.0220
b2
1.14
1.52
1.78
0.0450
0.0600
0.0700
c
0.20
0.25
0.36
0.0080
0.0100
0.0140
D
18.67
19.18
19.69
0.7350
0.7550
0.7750
E
7.62
7.87
8.26
0.3000
0.3100
0.3250
E1
6.10
6.35
7.11
0.2400
0.2500
0.2800
e
2.54
0.1000
e1
17.78
0.7
eA
7.62
0.3000
eB
10.92
0.4300
L
2.92
3.30
3.81
0.1150
0.1300
0.1500
N
Number of pins
16
17_ME
A2
A1
A
L
b
e
D
E1
8
1
c
eA
b2
eB
E
e1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com