Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUS2 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST7LITEUS2
Description  Interrupt management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUS2 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST7LITEUS2 Datasheet HTML 120Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 121Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 122Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 123Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 124Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 125Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 126Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 127Page - STMicroelectronics ST7LITEUS2 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 136 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Device configuration and ordering information
ST7LITEUS2, ST7LITEUS5
124/136
14.1.2
OPTION BYTE 0
Table 75.
Startup clock selection
Configuration
CKSEL1
CKSEL0
Internal RC as Startup Clock
0
0
Reserved
0
0
AWU RC as a Startup Clock
0
1
Reserved
1
0
External Clock on pin PA5
1
1
Table 76.
LVD threshold configuration
Configuration
LVD1
LVD0
LVD Off
11
Highest voltage threshold
1
0
Medium voltage threshold
0
1
Lowest voltage threshold
0
0
Bits 7:4 Reserved, must always be 1.
Bit 3 Reserved, must always be 0.
Bit 2 SEC0 Sector 0 size definition
This option bit indicates the size of sector 0 according to the following table (see
Table 77: Definition of sector 0 size).
Bit 1 FMP_R Readout protection
Readout protection, when selected provides a protection against program memory
content extraction and against write access to Flash memory. Erasing the option
bytes when the FMP_R option is selected will cause the whole memory to be
erased first, and the device can be reprogrammed. Refer to Section 4.5 and the
ST7 Flash Programming Reference Manual for more details.
0: Readout protection off
1: Readout protection on
Bit 0 FMP_W FLASH write protection
This option indicates if the FLASH program memory is write protected.
Warning: When this option is selected, the program memory (and the option bit
itself) can never be erased or programmed again.
0: Write protection off
1: Write protection on
Table 77.
Definition of sector 0 size
Sector 0 Size
SEC0
0.5k
0
1k
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com