Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 146Page - STMicroelectronics ST10F296TR Datasheet HTML 147Page - STMicroelectronics ST10F296TR Datasheet HTML 148Page - STMicroelectronics ST10F296TR Datasheet HTML 149Page - STMicroelectronics ST10F296TR Datasheet HTML 150Page - STMicroelectronics ST10F296TR Datasheet HTML 151Page - STMicroelectronics ST10F296TR Datasheet HTML 152Page - STMicroelectronics ST10F296TR Datasheet HTML 153Page - STMicroelectronics ST10F296TR Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
150/346
13.7
Port 5
This 16-bit input port can only read data. There is no output latch and no direction register.
Data written to P5 is lost.
13.7.1
Port 5 registers
P5 register
13.7.2
Alternate functions of port 5
Each line of Port 5 is connected to the input multiplexer of the ADC. All port lines (P5.15 to
P5.0) can accept analog signals (AN15 to AN0) which can then be converted by the ADC.
No special programming is required for pins that are used as analog inputs. The upper 6
pins of Port 5 also serve as external timer control lines for GPT1 and GPT2.
Table 86 summarizes the alternate functions of Port 5.
P5 (FFA2h/D1h)
SFR
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
P5
.15
P5
.14
P5
.13
P5
.12
P5
.11
P5
.10
P5
.9
P5
.8
P5
.7
P5
.6
P5
.5
P5
.4
P5
.3
P5
.2
P5
.1
P5
.0
RRR
RRRR
R
RRRR
RRRR
Table 85.
P5 register description
Bit
Bit name
Function
15-0
P5.y
Port data register P5 bit y (read-only)
Table 86.
Port 5 alternate functions
Port 5 pin
Alternate function (a)
Alternate function (b)
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
Analog input AN0
Analog input AN1
Analog input AN2
Analog input AN3
Analog input AN4
Analog input AN5
Analog input AN6
Analog input AN7
Analog input AN8
Analog input AN9
Analog input AN10
Analog input AN11
Analog input AN12
Analog input AN13
Analog input AN14
Analog input AN15
-
-
-
-
-
-
-
-
-
-
T6EUD timer 6 external up/down input
T5EUD timer 5 external up/down input
T6IN timer 6 count input
T5IN timer 5 count input
T4EUD timer 4 external up/down input
T2EUD timer 2 external up/down input
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com