Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 150Page - STMicroelectronics ST10F296TR Datasheet HTML 151Page - STMicroelectronics ST10F296TR Datasheet HTML 152Page - STMicroelectronics ST10F296TR Datasheet HTML 153Page - STMicroelectronics ST10F296TR Datasheet HTML 154Page - STMicroelectronics ST10F296TR Datasheet HTML 155Page - STMicroelectronics ST10F296TR Datasheet HTML 156Page - STMicroelectronics ST10F296TR Datasheet HTML 157Page - STMicroelectronics ST10F296TR Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
154/346
XSSCPORT register
This register is enabled and visible only when the XPEN and XSSCEN bits of the SYSCON
and XPERCON registers respectively are set. However, when SSC1 is disabled, P6, DP6
and ODP6 registers must be used to configure pins P6.2, P6.3, and P6.4.
13.8.2
Alternate functions of Port 6
A programmable number of chip select signals (CS4 to CS0) derived from the bus control
registers (BUSCON4 to BUSCON0) can be output on five pins of Port 6. The other three
pins may be used for bus arbitration to accommodate additional masters in a ST10F296E
system.
The number of chip select signals are selected via Port 0 during reset. The selected value
can be read from bit-field CSSEL in the RP0H register to check the configuration during run
time.
Table 92 summarizes the alternate functions of Port 6 depending on the number of chip
select lines (coded via bit-field CSSEL) that are selected.
XSSCPORT (E880h)
XBus
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-----
---
XODP
6.4
XP
6.4
XDP
6.4
XODP
6.3
XP
6.3
XDP
6.3
XODP
6.2
XP
6.2
-----
---
RW
RW
RW
RW
RW
RW
RW
RW
Table 91.
ODP6 register description
Bit
Bit name
Function
7, 4, 1
XODP6.y
Port open-drain control register XODP6 bit y (y = 2, 3, and 4 only)
0: Port line P6.y output driver in push-pull mode
1: Port line P6.y output driver in open-drain mode
6, 3, 0
XP6.y
Port data register bit XP6 y (y = 2, 3, and 4 only)
5, 2
XDP6.y
Port direction register XDP6 bit y (y = 2, 3, and 4 only)
0: Port line P6.y is an input (high impedance)
1: Port line P6.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com