Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 197 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 197 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 193Page - STMicroelectronics ST10F296TR Datasheet HTML 194Page - STMicroelectronics ST10F296TR Datasheet HTML 195Page - STMicroelectronics ST10F296TR Datasheet HTML 196Page - STMicroelectronics ST10F296TR Datasheet HTML 197Page - STMicroelectronics ST10F296TR Datasheet HTML 198Page - STMicroelectronics ST10F296TR Datasheet HTML 199Page - STMicroelectronics ST10F296TR Datasheet HTML 200Page - STMicroelectronics ST10F296TR Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
CAN modules
197/346
However, considering that real systems typically operate in the presence of electrical
disturbances, errors on the CAN bus may occur. If an error is detected, an error flag is
transmitted on the bus. If the error is local, only the node which detected it transmits the
error flag on the bus; the other nodes receive the error flag and transmit their own error flags
as an echo. If the error is global, all nodes detect it within the same bit time and they
transmit their own error flags simultaneously. In this way, each node can recognize if the
error is local or global simply by detecting whether there is an echo. However, this is
possible only if each node can sample the first bit after the error flag has been transmitted.
The error flag from an error active node is composed of six dominant bits. In the worst case
situation of a bit stuffing error, an additional six dominant bits could be received before the
error flag. This means that the first bit after the error flag is the 13th bit after the last
synchronization. This bit, must be correctly sampled.
Calling tBT the CAN bit time, the maximum time, tS (with correct sampling), between two re-
synchronization edges can be expressed as shown in Equation 13.
Equation 13
Where tPB2 corresponds to the duration of Phase_Seg2 (PB = phase buffer).
Assuming that the two CAN nodes have opposite system clock generator tolerances for their
respective system clocks, Equation 14 shows the accumulated phase error,
∆tJ, at the re-
synchronization instant.
Equation 14
For correct sampling, the accumulated phase error must not lead the re-synchronization
edge outside the interval Phase_seg1 + Phase_Seg2. This condition can be expressed as
shown in Equation 15.
Equation 15
This expression can be translated to a condition for the CAN system clock tolerance, df, as
shown in Equation 16.
Equation 16
In conclusion, there are two conditions to be satisfied on the CAN system clock tolerance.
If the CAN node generates its system clock through a PLL, the maximum clock tolerance
allowed must also be a function of the PLL jitter. This results in a more severe quality
requirement for the oscillator (crystal or resonator).
The phase error introduced by the PLL jitter is a function of the number of clock periods. In
particular, the jitter increases with the clock period number up to a maximum saturation
value which consists of the long term jitter. Refer to Section 24.8.7: Phase-locked loop (PLL)
on page 315 for more details about the ST10F296E PLL jitter.
t
S
13
t
BT
t
PB2
–
×
=
∆t
S
2df
×
()
13
t
BT
×
t
PB2
–
()
×
=
t
PB1
2df
×
()
13
t
BT
×
t
Seg2
–
() t
PB2
<
×
<
df
min t
PB1
t
PB2
,
() 213 t
BT
×
t
PB2
–
()
×
⁄
<
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com