Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296TR Datasheet(PDF) 201 Page - STMicroelectronics

Part # ST10F296TR
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296TR Datasheet(HTML) 201 Page - STMicroelectronics

Back Button ST10F296TR Datasheet HTML 197Page - STMicroelectronics ST10F296TR Datasheet HTML 198Page - STMicroelectronics ST10F296TR Datasheet HTML 199Page - STMicroelectronics ST10F296TR Datasheet HTML 200Page - STMicroelectronics ST10F296TR Datasheet HTML 201Page - STMicroelectronics ST10F296TR Datasheet HTML 202Page - STMicroelectronics ST10F296TR Datasheet HTML 203Page - STMicroelectronics ST10F296TR Datasheet HTML 204Page - STMicroelectronics ST10F296TR Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
CAN modules
201/346
17.7.1
Example of bit timing at high baud rate
In this example, the CPU frequency (CAN module clock) is 10 MHz, BRP is 0, and the bit
rate is 1 Mbit/s.
tq
100 ns = tCPU
Delay of bus driver
50 ns
Delay of receiver circuit
30 ns
Delay of bus line (40 m)
220 ns
tProp
600 ns = 6 x tq
tSJW
100 ns = 1 x tq
tPB1
100 ns = 1 x tq
tSeg1 = tProp + tPB1
700 ns = 7 x tq
tSeg2 = tPB2
200 ns = Information processing time + 1 x tq = 2 x tq
tSync-Seg
100 ns = 1 x tq
tBT
1000 ns = tSync-Seg + tSeg1 + tSeg2 = 10 x tq
Tolerance for CAN clock
0.39 % =
δPLL (13 x tBT = 13 x 10 x tq = 130 tCPU 5 ns = Data from PLL jitter characteristics
Tolerance for oscillator (no PLL effect)0.35% =
In this example, the concatenated bit time parameters are (2-1)3 & (7-1)4 & (1-1)2 & (1-1)6,
the bit timing register CANxBTR is programmed to = 0x1600h.
min t
PB1 tPB2
,
()
13
t
BT
×
t
PB2
–
()
÷
0.1
µs
() 213 1 µs
() 0.2 µs
()
–
×
()
×
⁄
=
min t
PB1 tPB2
,
() 2 δ
PLL
×
213
t
BT
×
t
PB2
–
()
×
⁄
–
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com