Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 69 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 65Page - STMicroelectronics STA311B Datasheet HTML 66Page - STMicroelectronics STA311B Datasheet HTML 67Page - STMicroelectronics STA311B Datasheet HTML 68Page - STMicroelectronics STA311B Datasheet HTML 69Page - STMicroelectronics STA311B Datasheet HTML 70Page - STMicroelectronics STA311B Datasheet HTML 71Page - STMicroelectronics STA311B Datasheet HTML 72Page - STMicroelectronics STA311B Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
DocID024340 Rev 1
69/102
STA311B
Configuration registers (0x77; 0x78; 0x79)
102
A special feature inside the digital processing block is available (active when the ashen bit is
set to ‘1’). In case of poles positioned at very low frequencies, biquads filters can generate
some audible quantization noise or unwanted DC level. In order to avoid this kind of effect a
quantization noise-shaping capability can be used. The filter structure including this special
feature, relative to each biquad is shown in Figure 10.
The new feature can be enabled independently for each biquad using the I²C registers. The
D7 bit, when set, is responsible for activating this function on the crossover filter while the
other bits address any specific biquads according to the previous table. Channels 1 and 2
share the same settings. Bit D7 is effective also for channel 3 if the related OCFG is used.
Figure 10. Biquad filter structure with quantization error noise shaping
Figure 11. Channel mixer
z
-1
z
-1
z
-1
z
-1
Q
In(t)
b0
b1
b2
a1
a2
z
-1
+
-
Out(t)
z
-1
z
-1
z
-1
z
-1
Q
In(t)
b0
b1
b2
a1
a2
z
-1
+
-
Out(t)
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Channel 6
Channel 7
Channel 8
CxMIX1
CxMIX2
CxMIX3
CxMIX4
CxMIX5
CxMIX6
CxMIX7
CxMIX8
Channel x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com