Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 44Page - STMicroelectronics STA311B Datasheet HTML 45Page - STMicroelectronics STA311B Datasheet HTML 46Page - STMicroelectronics STA311B Datasheet HTML 47Page - STMicroelectronics STA311B Datasheet HTML 48Page - STMicroelectronics STA311B Datasheet HTML 49Page - STMicroelectronics STA311B Datasheet HTML 50Page - STMicroelectronics STA311B Datasheet HTML 51Page - STMicroelectronics STA311B Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
Registers
STA311B
48/102
DocID024340 Rev 1
8.2.32
AUTO1 - AutoModes EQ, volume, GC (0x1F)
Setting AMEQ to any setting other than 00 enables AutoMode EQ, biquads 1-5 are not user-
programmable. Any coefficient settings for these biquads will be ignored. Also when
AutoMode EQ is used, the pre-scale value for channels 1-6 becomes hard-set to -18 dB.
CnIM[2:0]
Serial input from
000
Channel 1
001
Channel 2
010
Channel 3
011
Channel 4
100
Channel 5
101
Channel 6
110
Channel 7
111
Channel 8
D7
D6
D5
D4
D3
D2
D1
D0
AMDM
AMGC2
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
00
000
00
0
Bit
RW
RST
Name
Description
1:0
RW
0
AMEQ[1:0]
Biquad 2-6 mode is:
00: user-programmable
01: preset EQ - PEQ bits
10: graphic EQ - xGEQ bits
11: auto volume-controlled loudness curve
Bit
RW
RST
Name
Description
3:2
RW
0
AMV[1:0]
AutoMode volume mode (MVOL) is:
00: MVOL 0.5 dB 256 steps (standard)
01: MVOL auto curve 30 steps
10: MVOL auto curve 40 steps
11: MVOL auto curve 50 steps
6:4
RW
0
AMGC[2:0]
AutoMode gain compression/limiters mode is:
000: user programmable GC
001: AC no clipping
010: AC limited clipping (10%)
011: DRC nighttime listening mode
100: DRC TV commercial/channel AGC
101: AC 5.1 no clipping
110: AC 5.1 limited clipping (10%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com