Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA311B Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 27Page - STMicroelectronics STA311B Datasheet HTML 28Page - STMicroelectronics STA311B Datasheet HTML 29Page - STMicroelectronics STA311B Datasheet HTML 30Page - STMicroelectronics STA311B Datasheet HTML 31Page - STMicroelectronics STA311B Datasheet HTML 32Page - STMicroelectronics STA311B Datasheet HTML 33Page - STMicroelectronics STA311B Datasheet HTML 34Page - STMicroelectronics STA311B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 102 page
background image
DocID024340 Rev 1
31/102
STA311B
Registers
102
8.2
Register description
8.2.1
Configuration register A (0x00)
The STA311B supports sample rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz,
176.4 kHz, 192 kHz, 2.8224 MHz DSD. Therefore the internal clocks are:
65.536 MHz for 32 kHz
90.3168 MHz for 44.1 kHz, 88.2 kHz, 176.4 kHz, and DSD
98.304 MHz for 48 kHz, 96 kHz, 192 kHz
The external clock frequency provided to the XTI or BICKI pin (depending on the MCS
settings) must be a multiple of the input sampling frequency (fs). The relationship between
the input clock (either XTI or BICKI) and the input sampling rate is determined by both the
MCS[2:0] and the IR[1:0] (input rate) register bits in normal mode, if the Fs autodetect mode
has been set, the IR[1:0] parameter and the BST32K bit will be set automatically (see Fs
autodetection on page 32). The MCS[2:0] bits determine the PLL factor generating the
internal clock and the IR[1:0] bits determine the oversampling ratio used internally.
If XTI input is not used, related pin must be tied to GND.
To get 98.304 MHz of system clock frequency when fs = 32 kHz, an extra oversampling
factor is available by setting the BST32K bit in the 0x75 register (see Clock manager
configuration register (0x75) on page 93).
D7
D6
D5
D4
D3
D2
D1
D0
COS1
COS0
DSPB
IR1
IR0
MCS2
MCS1
MCS0
10
000
01
1
Bit
RW
RST
Name
Description
0RW
1
MCS0
Master clock select: selects the ratio between the
input I²S sampling frequency and the input clock.
1RW
1
MCS1
2RW
0
MCS2
Input sampling rate
fs (kHz)
IR
MCS[2:0]
BICKI
XTI
111
110
10-
011
010
001
000
32, 44.1, 48
00
64*fs
na
128*fs
256*fs
384*fs
512*fs
768*fs
88.2, 96
01
64*fs
32*fs
64*fs
128*fs
192*fs
256*fs
384*fs
176.4, 192
10
64*fs
32*fs
64*fs
128*fs
192*fs
256*fs
na
DSD/PDM
11
2*fs
2*fs
2*fs
4*fs
6*fs
8*fs
12*fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com